Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5604 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC5604 Datasheet HTML 1Page - Clare, Inc. CPC5604 Datasheet HTML 2Page - Clare, Inc. CPC5604 Datasheet HTML 3Page - Clare, Inc. CPC5604 Datasheet HTML 4Page - Clare, Inc. CPC5604 Datasheet HTML 5Page - Clare, Inc. CPC5604 Datasheet HTML 6Page - Clare, Inc. CPC5604 Datasheet HTML 7Page - Clare, Inc. CPC5604 Datasheet HTML 8Page - Clare, Inc. CPC5604 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
CPC5604
www.clare.com
XXX
3
Table 1 -Performance Specifications (continued)
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Transmit/Receive Characteristics
Frequency Response*
30
-
4000
Hz
3dB corner frequency
Trans-Hybrid Loss*
-
30
-
dB
Against 600
Ω resistive, 1800Hz
Transmit Insertion Loss*
-1
0
1
dB
-
Receive Insertion Loss*
-1
0
1
dB
-
Average In-band Noise
-
-100
-
dB
4kHz Flat bandwidth
Harmonic Distortion
-
-
-80
dB
-3dBm, 600Hz, 2nd Harmonic
Transmit Level*
-
-
0
dBm
Single Tone Sine Wave
Receive Level*
-
-
0
dBm
Single Tone Sine Wave
Rx+/Rx- Output Drive Current
-
-
0.5
mA
Sink and Source
Tx+/Tx- Input Impedance
60
90
120
k
-
Isolation Characteristics
Isolation Surge Voltage
1500
-
-
V
SURGE
Line Side to Modem Side
Surge Rise Time
2000
-
-
V/µs
No Damage via T/R
Control Logic (OH, CID, RING)
Input Threshold Voltage
0.8
-
2.0
V
High Level Input Current
-
-
-20
µA
Low Level Input Current
-100
-
-
µA
Output High Voltage
V
CC-0.4
-
-
V
1M
Ω to Ground
Output Low Voltage
-
-
0.4
V
1M
Ω to VCC
Isolation Voltage
-
1500
V
RMS
Tip/Ring Current (continuous)
10
-
120
mA
Total Package Dissipation
-
1
W
Operational Temperature
-20
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
(10 seconds Max)
-
+220
°C
Unless Otherwise Noted all Specifications @ 25oC.
* Refer to Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com