Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

214X4-DSH-001-D Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # 214X4-DSH-001-D
Description  SD, HD, and 3G Cable Equalizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

214X4-DSH-001-D Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button 214X4-DSH-001-D Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
214x4-DSH-001-D
Mindspeed Technologies
®
6
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
General Specifications
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Units
AVDD
Positive Supply
AVSS – 0.5
AVSS + 3.6
V
VIOAM
Any I/O pin
AVSS – 0.5
AVDD + 0.5
V
TSTORE
Storage Temperature
65
+150
°C
ESDHBML
Human Body Model (low-speed)
2000
V
ESDHBMH
Human Body Model (high-speed)
2000
V
ESDCDM
Charge Device Model
500
V
NOTE:
1.
No Damage.
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
AVDD
Supply Voltage
–5
2.5/3.3
+5
%
TAMB
Ambient Temperature
–10
+85
°C
θJA
Junction to Ambient Thermal Resistance
1, 2
40
°C/W
NOTES:
1.
Mounted on multi layer board (
4 layers).
2.
Airflow = 0.0 m/s.
Table 1-3.
Power DC Electrical Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
Total IDD
Supply Current
1
70
90
mA
PDISS2.5V
Total Power Dissipation (@2.5V)
1, 2, 3
175
236
mW
PDISS3.3V
Total Power Dissipation (@3.3V)
1, 2, 3
230
312
mW
NOTES:
1.
Specified at recommended operating conditions—see Table 1-2.
2.
Includes on-chip power dissipation as well as off-chip power dissipated by termination resistors.
3.
Typical calculated at nominal supply voltage, maximum calculated at nominal supply voltage + 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com