Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

214X4-DSH-001-D Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 214X4-DSH-001-D
Description  SD, HD, and 3G Cable Equalizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

214X4-DSH-001-D Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  214X4-DSH-001-D Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
214x4-DSH-001-D
Mindspeed Technologies
®
March 2010
Mindspeed Proprietary and Confidential
Applications
• SDI Routers
•SDI Switches
• SDI Distribution Amplifier
•SDI Camera
Standards Compliance
• SMPTE 259M, SMPTE 292, SMPTE 344M, SMPTE 424M
(at appropriate data rates)
• DVB-ASI (270 Mbps)
The M21404/M21414/M21424 are high-speed, low-power, adaptive co-axial cable equalizers designed to increase
the maximum low-jitter transmission distance of serial digital interface (SDI) video signals and DVB-ASI across
commonly used bandwidth-limiting 75
Ω coaxial cable. These devices automatically optimize their transfer function
based on the bit rate and cable length to minimize the inter-symbol interference (ISI) jitter caused by the cable and
to remove the DC offset components introduced with the pathological test pattern and AC coupling in systems.
The M21424 is designed to support SD, HD, and 3G data rates from 143 Mbps to 2970 Mbps. The M21414 is
designed to support SD and HD data rates from 143 Mbps and 1485 Mbps. The M21404 is designed to support SD
data rates between 143 Mbps and 540 Mbps.
The low-noise, high-gain equalizer allows for low jitter 3G-SDI transmissions up to 100m (Belden 1694A) and HD
transmissions up to a length of 200m (Belden 1694A) and 120m (Belden 8281). For SD data rates, cable lengths
up to 400m (Belden 1694A) and 300m (Belden 8281) are supported.
Functional Block Diagram
THRESH
CLEN
SDI
SDI
CABLE
LENGTH
INDICATOR
EQUALIZER
CORE
INPUT
BUFFER
0
1
DC
RESTORE
SDO2_EN
SDO2
OUTPUT
BUFFER
SDO2
OUTPUT
BUFFER
SDO1
SDO1
CONTROL
LOGIC
SD/ MUTE
EQ_ BYP
M21404 /M21414/M21424
Cable Equalizer
SWING_L/H
Features
• SMPTE/DVB-ASI compliant at SD, HD and 3G (M21424)
• SMPTE/DVB-ASI compliant at SD and HD (M21414)
• SMPTE/DVB-ASI compliant at SD (M21404)
• Dual CML outputs, with selectable high amplitude
• Enable for second CML output
• Interchangeable PCB footprint for all three devices
• 2.5V or 3.3V Supply
• Low Power (175 mW @ 2.5V, 230 mW @ 3.3V)
• Extended Temperature range: –10 to 85 °C
M21404/M21414/M21424 SD, HD, and 3G Cable Equalizers


Similar Part No. - 214X4-DSH-001-D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - 214X4-DSH-001-D

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
212X4-DSH-001-B MA-COM-212X4-DSH-001-B Datasheet
282Kb / 19P
M21204/M21214 SD and HD Cable Equalizers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21324 MA-COM-M21324 Datasheet
243Kb / 20P
SD, HD, 3G Cable Equalizer
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
M21404-13 MA-COM-M21404-13 Datasheet
465Kb / 20P
SD, HD, and 3G Cable Equalizers
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
3G, HD, SD SDI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com