Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

214X4-DSH-001-D Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # 214X4-DSH-001-D
Description  SD, HD, and 3G Cable Equalizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

214X4-DSH-001-D Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button 214X4-DSH-001-D Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Product Specification
214x4-DSH-001-D
Mindspeed Technologies
®
10
Mindspeed Proprietary and Confidential
1.3
EQ Specifications
Table 1-7.
Cable Equalizer Distance Specifications
Symbol
Parameter
Conditions
Notes
Minimum
Typical
Maximum
Units
LENSD
Max Cable Length
Belden 1694A
1, 4
400
m
Max Cable Length
Belden 8281
1, 4
300
m
LENHD
Max Cable Length
Belden 1694A
2, 6
200
m
Max Cable Length
Belden1694A
2, 5
140
m
Max Cable Length
Belden 8281
2, 5
120
m
LEN3G
Max Cable Length
Belden 1694A
3, 7
100
m
NOTES:
Entire table specified at recommended operating conditions—see Table 1-2.
1.
Data Rate = 270 Mbps.
2.
Data Rate = 1485 Mbps.
3.
Data Rate = 2970 Mbps.
4.
Error Free with timing Jitter typically = 0.2 UI, pathological pattern.
5.
Error Free with alignment Jitter typically = 0.25 UI, pathological pattern.
6.
Error Free with alignment jitter typically = 0.3 UI, pathological pattern.
7.
Error Free with alignment Jitter typically = 0.35 UI, pathological pattern.
Table 1-8.
SD/MUTE Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
VMUT_LO
Output voltage when input signal detected
1
0.16 x AVDD
—V
VMUT_HI
Output voltage when input signal not detected
1
0.95 x AVDD
—V
NOTE:
1.
Specified at recommended operating condition—see Table 1-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com