Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

214X4-DSH-001-D Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # 214X4-DSH-001-D
Description  SD, HD, and 3G Cable Equalizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

214X4-DSH-001-D Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button 214X4-DSH-001-D Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 214X4-DSH-001-D Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Product Specification
214x4-DSH-001-D
Mindspeed Technologies
®
7
Mindspeed Proprietary and Confidential
1.2
Input/Output Level Specifications
Table 1-4.
CMOS Input Electrical Specifications (Logic Signals Only)
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
VIH
Input Logic High Voltage
1
0.75 x AVDD
—AVDD + 0.3
V
VIL
Input Logic Low Voltage
1
0
0.25 x AVDD
V
IIH
Input Current (logic high)
1
100
100
μA
IIL
Input Current (logic low)
1
100
100
μA
NOTE:
1.
Specified at recommended operating conditions—see Table 1-2. Spec is for a max load of 20 pF.
Table 1-5.
High Speed Input Electrical Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Units
DRIN
Input Bit Rate (M21404)
1
143
540
Mbps
Input Bit Rate (M21414)
1
143
1485
Mbps
Input Bit Rate (M21424)
1
143
2970
Mbps
VID
Input Voltage Range with 0m of cable, p-p,
AVDD = 2.5 or 3.3V
1, 5
700
800
1200
mV
VICM
Input Common-Mode Voltage (AVDD = 3.3V)
1, 4
2.75
V
Input Common-Mode Voltage (AVDD = 2.5V)
1, 4
1.95
V
CIN
Input capacitance
1, 4
0.5
pF
RIN
Input resistance
1, 4
1.6
k
Ω
S11
Input Return Loss (5 MHz to 1.5 GHz)
1, 2, 3
20
30
dB
Input Return Loss (1.5 GHz to 3 GHz) (M21424)
1, 2, 3
13
dB
NOTES:
1.
Specified at recommended operation conditions—see Table 1-2.
2.
Using the recommended input termination shown in Figure 2-1.
3.
Measured single ended.
4.
Guaranteed by design.
5.
This is also the recommended cable launch level (far end).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com