Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5432 Datasheet(PDF) 4 Page - NEC

Part # 2SC5432
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5432 Datasheet(HTML) 4 Page - NEC

  2SC5432 Datasheet HTML 1Page - NEC 2SC5432 Datasheet HTML 2Page - NEC 2SC5432 Datasheet HTML 3Page - NEC 2SC5432 Datasheet HTML 4Page - NEC 2SC5432 Datasheet HTML 5Page - NEC 2SC5432 Datasheet HTML 6Page - NEC 2SC5432 Datasheet HTML 7Page - NEC 2SC5432 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5432
4
Preliminary Data Sheet
2SC5432
S PARAMETER
VCE = 3.0 V, IC = 10.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.575
–108.7
14.215
118.3
0.048
48.3
0.524
–55.9
400.00
0.548
–145.7
8.064
98.2
0.062
45.8
0.295
–73.7
600.00
0.540
–161.8
5.617
87.4
0.075
49.0
0.213
–84.1
800.00
0.539
–173.0
4.354
81.5
0.087
53.0
0.173
–90.5
1000.00
0.554
179.0
3.577
76.4
0.101
55.6
0.148
–97.4
1200.00
0.574
174.1
3.038
70.8
0.117
57.3
0.132
–105.9
1400.00
0.574
170.8
2.610
65.9
0.133
58.8
0.128
–115.7
1600.00
0.565
165.8
2.306
62.4
0.148
60.3
0.128
–124.7
1800.00
0.573
159.7
2.021
58.6
0.160
61.6
0.131
–134.0
2000.00
0.598
155.4
1.802
54.8
0.172
60.7
0.137
–144.8
2200.00
0.615
152.6
1.643
49.7
0.186
59.3
0.154
–154.6
2400.00
0.628
150.0
1.553
45.8
0.204
58.4
0.176
–160.5
2600.00
0.639
147.3
1.460
43.9
0.223
58.3
0.195
–164.7
2800.00
0.655
144.8
1.331
41.4
0.236
58.7
0.214
–168.6
3000.00
0.671
143.5
1.237
36.9
0.243
58.1
0.233
–172.8
VCE = 3.0 V, IC = 7.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.630
–95.3
12.557
123.1
0.055
47.9
0.609
–47.7
400.00
0.576
–136.3
7.443
101.8
0.071
41.3
0.359
–64.2
600.00
0.561
–155
5.246
89.3
0.082
42.8
0.264
–72.8
800.00
0.554
–167.6
4.082
82.7
0.091
46.0
0.218
–77.8
1000.00
0.565
–176.8
3.362
77.2
0.103
49.4
0.187
–81.9
1200.00
0.586
177.4
2.865
71.2
0.115
51.8
0.166
–87.6
1400.00
0.588
173.6
2.459
66.0
0.130
54.6
0.154
–95.8
1600.00
0.577
168.2
2.176
62.2
0.142
56.9
0.150
–104.6
1800.00
0.583
161.8
1.908
58.2
0.152
58.9
0.149
–113.3
2000.00
0.607
157.1
1.700
54.2
0.163
58.5
0.150
–123.7
2200.00
0.625
154.1
1.551
48.8
0.178
57.8
0.161
–134.8
2400.00
0.639
151.3
1.468
44.7
0.194
57.4
0.181
–143.4
2600.00
0.649
148.5
1.382
42.7
0.214
57.8
0.199
–148.6
2800.00
0.665
145.8
1.256
40.1
0.227
58.5
0.219
–153.9
3000.00
0.681
144.3
1.171
35.5
0.235
58.6
0.236
–159.5
VCE = 3.0 V, IC = 5.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.693
–81.4
10.462
129.2
0.063
50.6
0.699
–39.3
400.00
0.610
–125.1
6.572
105.9
0.083
39.0
0.442
–54.7
600.00
0.588
–146.4
4.723
92.0
0.093
37.7
0.334
–62.8
800.00
0.575
–160.7
3.713
84.4
0.098
38.5
0.284
–67.1
1000.00
0.582
–171.3
3.072
78.2
0.106
41.1
0.250
–69.7
1200.00
0.600
–178.3
2.566
71.8
0.116
43.9
0.226
–73.2
1400.00
0.603
177.2
2.253
65.9
0.127
47.9
0.209
–79.7
1600.00
0.590
171.4
1.997
61.8
0.135
51.6
0.199
–86.9
1800.00
0.594
164.4
1.754
57.5
0.144
54.6
0.195
–94.5
2000.00
0.619
159.2
1.563
53.1
0.153
55.4
0.192
–103.2
2200.00
0.638
155.9
1.430
47.6
0.167
55.7
0.194
–114.4
2400.00
0.651
152.8
1.352
43.4
0.182
56.3
0.211
–124.6
2600.00
0.660
149.8
1.268
41.3
0.201
57.3
0.231
–131.6
2800.00
0.677
147.0
1.149
38.5
0.214
58.8
0.249
–137.8
3000.00
0.694
145.3
1.071
33.6
0.222
59.1
0.264
–144.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com