Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5432 Datasheet(PDF) 1 Page - NEC

Part # 2SC5432
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5432 Datasheet(HTML) 1 Page - NEC

  2SC5432 Datasheet HTML 1Page - NEC 2SC5432 Datasheet HTML 2Page - NEC 2SC5432 Datasheet HTML 3Page - NEC 2SC5432 Datasheet HTML 4Page - NEC 2SC5432 Datasheet HTML 5Page - NEC 2SC5432 Datasheet HTML 6Page - NEC 2SC5432 Datasheet HTML 7Page - NEC 2SC5432 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1998
PRELIMINARY DATA SHEET
FEATURE
Ultra super mini-mold thin flat package
(1.4 mm
× 0.8 mm × 0.59 mm: TYP.)
Contains same chip as 2SC5006
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
100
mA
Total Power Dissipation
PT
125
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
SILICON TRANSISTOR
2SC5432
NPN EPITAXIAL SILICON TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
Document No. P13076EJ1V0DS00 (1st edition)
Date Published February 1998 N CP(K)
Printed in Japan
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0
1000
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
1000
nA
DC Current Gain
hFE
VCE = 3 V, IC = 7 mANote 1
80
145
Gain Bandwidth Product
fT
VCE = 3 V, IC = 7 mA, f = 1 GHz
3.0
4.5
GHz
Reverse Transfer Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.7
1.5
pF
Insertion Power Gain
|S21e|2
VCE = 3 V, IC = 7 mA, f = 1 GHz
7.0
10.0
dB
Noise Figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
1.4
2.5
dB
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %
2. Collector to base capacitance measured by capacitance meter (automatic balance bridge method) when
emitter pin is connected to the guard pin.
Because this product uses high-frequency process, avoid excessive input of static electricity, etc.
PACKAGE DIMENSIONS (in mm)
1.4 ± 0.05
0.8 ± 0.1
1
3
2
PIN CONNECTIONS
1: Emitter
2: Base
3: Collector
The information in this document is subject to change without notice.


Similar Part No. - 2SC5432

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5432 RENESAS-2SC5432 Datasheet
314Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
2SC5432-T1 RENESAS-2SC5432-T1 Datasheet
314Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
More results

Similar Description - 2SC5432

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3663 NEC-2SC3663 Datasheet
110Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5433 NEC-2SC5433 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5434 NEC-2SC5434 Datasheet
61Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5435 NEC-2SC5435 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5437 NEC-2SC5437 Datasheet
63Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC5013 RENESAS-2SC5013_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5432 RENESAS-2SC5432 Datasheet
314Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com