Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5432 Datasheet(PDF) 6 Page - NEC

Part # 2SC5432
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5432 Datasheet(HTML) 6 Page - NEC

  2SC5432 Datasheet HTML 1Page - NEC 2SC5432 Datasheet HTML 2Page - NEC 2SC5432 Datasheet HTML 3Page - NEC 2SC5432 Datasheet HTML 4Page - NEC 2SC5432 Datasheet HTML 5Page - NEC 2SC5432 Datasheet HTML 6Page - NEC 2SC5432 Datasheet HTML 7Page - NEC 2SC5432 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5432
6
Preliminary Data Sheet
2SC5432
S PARAMETER
VCE = 1.0 V, IC = 3.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.754
–77.4
7.160
130.9
0.097
48.5
0.729
–40.9
400.00
0.668
–121.7
4.630
106.0
0.126
32.9
0.469
–61.1
600.00
0.644
–143.9
3.356
90.7
0.134
27.4
0.359
–73.2
800.00
0.630
–158.8
2.664
82.0
0.136
25.4
0.306
–80.5
1000.00
0.634
–169.7
2.194
74.8
0.140
25.3
0.271
–86.0
1200.00
0.653
–177.1
1.850
67.1
0.145
27.6
0.250
–92.7
1400.00
0.656
178.0
1.633
60.6
0.148
31.6
0.242
–100.8
1600.00
0.640
172.0
1.448
56.1
0.151
36.1
0.241
–108.6
1800.00
0.643
164.6
1.275
51.3
0.153
39.6
0.245
–116.1
2000.00
0.667
159.3
1.139
46.5
0.158
41.4
0.248
–125.3
2200.00
0.686
155.7
1.048
40.8
0.169
43.4
0.265
–135.7
2400.00
0.698
152.5
0.988
36.7
0.181
45.9
0.295
–143.4
2600.00
0.706
149.3
0.923
34.8
0.199
48.4
0.322
–148.5
2800.00
0.721
146.4
0.833
32.1
0.211
50.5
0.346
–153.8
3000.00
0.737
144.5
0.779
27.2
0.220
51.6
0.365
–159.7
VCE = 1.0 V, IC = 1.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.893
–49.6
3.192
143.8
0.119
59.2
0.903
–21.2
400.00
0.773
–90.6
2.404
117.2
0.180
37.9
0.720
–35.3
600.00
0.745
–117.4
1.906
97.3
0.203
25.0
0.610
–46.5
800.00
0.711
–135.9
1.603
84.7
0.205
15.4
0.564
–54.0
1000.00
0.698
–150.3
1.331
74.2
0.206
9.1
0.537
–58.9
1200.00
0.708
–161.3
1.148
64.2
0.199
6.5
0.511
–63.9
1400.00
0.716
–168.6
1.025
55.8
0.183
6.9
0.492
–71.0
1600.00
0.696
–176.0
0.916
50.0
0.165
7.9
0.483
–79.0
1800.00
0.690
175.0
0.809
44.2
0.145
10.1
0.486
–86.7
2000.00
0.714
167.7
0.719
39.0
0.131
13.9
0.482
–95.1
2200.00
0.738
162.9
0.657
33.0
0.125
22.2
0.482
–106.0
2400.00
0.750
158.7
0.619
29.3
0.126
32.3
0.508
–116.7
2600.00
0.758
154.7
0.572
28.1
0.137
42.3
0.541
–124.7
2800.00
0.770
150.9
0.513
26.2
0.152
50.5
0.559
–131.8
3000.00
0.785
148.0
0.483
23.0
0.167
55.1
0.566
–139.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com