Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5432 Datasheet(PDF) 5 Page - NEC

Part # 2SC5432
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5432 Datasheet(HTML) 5 Page - NEC

  2SC5432 Datasheet HTML 1Page - NEC 2SC5432 Datasheet HTML 2Page - NEC 2SC5432 Datasheet HTML 3Page - NEC 2SC5432 Datasheet HTML 4Page - NEC 2SC5432 Datasheet HTML 5Page - NEC 2SC5432 Datasheet HTML 6Page - NEC 2SC5432 Datasheet HTML 7Page - NEC 2SC5432 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5432
5
Preliminary Data Sheet
2SC5432
S PARAMETER
VCE = 3.0 V, IC = 3.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.782
–65.7
7.726
136.8
0.073
54.2
0.804
–29.6
400.00
0.669
–109.9
5.283
111.9
0.101
38.4
0.563
–43.8
600.00
0.639
–134.2
3.921
95.9
0.111
32.3
0.445
–52.1
800.00
0.616
–150.6
3.139
87.0
0.113
30.0
0.392
–56.7
1000.00
0.614
–163.0
2.608
79.9
0.118
30.2
0.358
–59.1
1200.00
0.629
–171.7
2.194
72.4
0.122
32.5
0.331
–61.7
1400.00
0.633
–177.4
1.930
65.7
0.126
37.3
0.309
–66.8
1600.00
0.617
176.2
1.716
61.1
0.128
42.2
0.296
–73.3
1800.00
0.618
168.4
1.514
56.2
0.132
46.7
0.289
–79.9
2000.00
0.642
162.5
1.349
51.7
0.137
49.0
0.285
–87.4
2200.00
0.663
158.6
1.234
45.8
0.148
51.7
0.280
–97.0
2400.00
0.676
155.2
1.167
41.4
0.162
54.2
0.292
–107.5
2600.00
0.684
151.9
1.091
39.2
0.180
56.7
0.314
–115.4
2800.00
0.698
148.7
0.985
36.2
0.195
59.3
0.330
–122.1
3000.00
0.716
146.7
0.920
31.1
0.205
60.7
0.341
–129.2
VCE = 3.0 V, IC = 1.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.914
–43.7
3.280
148.3
0.086
62.7
0.936
–15.4
400.00
0.795
–82.1
2.575
123.7
0.139
43.0
0.792
–26.4
600.00
0.769
–109.7
2.086
104.4
0.161
30.5
0.689
–35.5
800.00
0.731
–128.9
1.783
91.7
0.164
21.2
0.648
–42.3
1000.00
0.711
–144.3
1.498
81.7
0.166
14.9
0.630
–46.3
1200.00
0.715
–156.5
1.286
72.2
0.162
12.3
0.603
–49.8
1400.00
0.721
–164.7
1.146
63.6
0.148
13.5
0.578
–54.9
1600.00
0.700
–172.6
1.029
57.8
0.134
15.4
0.559
–61.5
1800.00
0.690
177.9
0.913
52.0
0.117
19.5
0.557
–68.5
2000.00
0.711
170.1
0.817
46.8
0.107
25.1
0.552
–75.6
2200.00
0.735
164.8
0.741
40.6
0.106
35.2
0.538
–84.3
2400.00
0.746
160.3
0.702
36.4
0.110
46.3
0.547
–94.8
2600.00
0.751
156.2
0.654
34.8
0.127
55.4
0.575
–103.4
2800.00
0.763
152.2
0.587
32.3
0.146
63.2
0.589
–110.3
3000.00
0.777
149.2
0.552
28.5
0.164
67.4
0.588
–118.0
VCE = 1.0 V, IC = 5.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.678
–95.9
9.388
123.0
0.082
44.1
0.611
–54.6
400.00
0.630
–137.1
5.585
100.5
0.100
34.1
0.363
–78.9
600.00
0.615
–155.7
3.937
87.4
0.109
33.2
0.274
–93.7
800.00
0.609
–168.4
3.084
80.3
0.115
34.5
0.228
–103.2
1000.00
0.620
–177.6
2.528
74.3
0.124
36.8
0.203
–112.2
1200.00
0.641
176.7
2.121
67.5
0.135
39.3
0.192
–121.5
1400.00
0.640
172.7
1.868
61.6
0.147
43.0
0.194
–129.8
1600.00
0.626
167.2
1.656
57.6
0.157
46.4
0.199
–136.6
1800.00
0.632
160.6
1.451
53.2
0.164
48.6
0.203
–144.2
2000.00
0.657
155.8
1.300
48.9
0.173
49.0
0.214
–152.4
2200.00
0.673
152.8
1.192
43.4
0.187
48.9
0.238
–160.2
2400.00
0.685
149.8
1.128
39.5
0.203
49.5
0.265
–164.8
2600.00
0.693
146.9
1.055
37.7
0.222
50.5
0.289
–168.2
2800.00
0.708
144.3
0.960
35.0
0.232
51.6
0.311
–172.0
3000.00
0.722
142.8
0.895
30.3
0.240
51.6
0.331
–176.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com