Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5435 Datasheet(PDF) 4 Page - NEC

Part # 2SC5435
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5435 Datasheet(HTML) 4 Page - NEC

  2SC5435 Datasheet HTML 1Page - NEC 2SC5435 Datasheet HTML 2Page - NEC 2SC5435 Datasheet HTML 3Page - NEC 2SC5435 Datasheet HTML 4Page - NEC 2SC5435 Datasheet HTML 5Page - NEC 2SC5435 Datasheet HTML 6Page - NEC 2SC5435 Datasheet HTML 7Page - NEC 2SC5435 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5435
4
Preliminary Data Sheet
2SC5435
S PARAMETER
VCE = 3.0 V, IC = 10.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.598
–41.6
18.159
140.3
0.031
70.0
0.812
–26.3
400.00
0.414
–79.4
12.683
117.6
0.048
62.5
0.575
–38.7
600.00
0.330
–103.3
9.464
103.5
0.062
61.7
0.447
–45.3
800.00
0.278
–120.6
7.552
95.5
0.074
62.2
0.385
–48.1
1000.00
0.246
–136.4
6.295
90.1
0.087
61.8
0.345
–48.2
1200.00
0.237
–150.5
5.402
84.8
0.101
62.0
0.310
–47.3
1400.00
0.239
–160.6
4.670
79.1
0.116
62.0
0.277
–48.3
1600.00
0.235
–170.5
4.065
74.9
0.131
62.4
0.247
–50.7
1800.00
0.239
179.4
3.597
71.5
0.143
63.2
0.225
–54.1
2000.00
0.257
170.1
3.246
68.0
0.154
61.8
0.206
–57.7
2200.00
0.280
164.1
2.987
63.2
0.167
60.3
0.184
–62.1
2400.00
0.299
160.0
2.780
59.2
0.181
58.6
0.165
–69.6
2600.00
0.315
155.6
2.609
57.0
0.199
57.9
0.153
–77.7
2800.00
0.334
151.5
2.465
54.8
0.210
58.1
0.146
–85.0
3000.00
0.350
148.7
2.272
51.0
0.217
56.6
0.136
–92.0
VCE = 3.0 V, IC = 7.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.688
–38.7
15.412
145.5
0.034
70.5
0.863
–22.7
400.00
0.498
–69.0
11.461
123.2
0.053
61.6
0.645
–36.0
600.00
0.400
–92.5
8.826
108.0
0.067
58.4
0.509
–44.4
800.00
0.332
–109.1
7.158
99.1
0.079
58.4
0.439
–48.5
1000.00
0.286
–124.4
6.055
93.0
0.091
58.1
0.391
–49.2
1200.00
0.263
–139.1
5.221
87.3
0.104
57.9
0.349
–48.9
1400.00
0.257
–150.4
4.513
81.1
0.118
58.4
0.311
–50.2
1600.00
0.249
–161.0
3.957
76.6
0.133
59.0
0.277
–52.6
1800.00
0.248
–172.1
3.495
72.8
0.143
60.3
0.253
–55.9
2000.00
0.262
177.1
3.158
69.1
0.153
59.1
0.232
–59.2
2200.00
0.283
169.9
2.903
64.2
0.166
57.6
0.209
–63.3
2400.00
0.302
164.9
2.712
59.9
0.180
56.4
0.189
–70.0
2600.00
0.317
159.9
2.547
57.5
0.197
55.8
0.177
–77.7
2800.00
0.333
155.3
2.408
55.3
0.206
56.2
0.169
–83.9
3000.00
0.350
151.9
2.221
51.5
0.213
55.2
0.158
–89.8
VCE = 3.0 V, IC = 5.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.773
–31.6
12.320
150.7
0.036
72.7
0.910
–18.8
400.00
0.595
–58.3
9.846
129.7
0.060
62.0
0.725
–31.8
600.00
0.491
–81.2
7.923
114.1
0.075
56.6
0.587
–41.7
800.00
0.412
–97.4
6.600
103.8
0.087
55.2
0.512
–47.3
1000.00
0.350
–111.8
5.638
96.9
0.098
54.0
0.457
–49.1
1200.00
0.310
–126.2
4.908
90.8
0.110
53.7
0.406
–49.4
1400.00
0.293
–138.4
4.286
83.9
0.124
53.8
0.362
–51.0
1600.00
0.278
–149.6
3.766
78.8
0.136
55.2
0.323
–53.6
1800.00
0.267
–161.4
3.388
74.5
0.145
56.1
0.296
–56.8
2000.00
0.274
–173.7
3.018
70.5
0.154
55.1
0.272
–60.1
2200.00
0.293
177.6
2.786
65.3
0.165
54.0
0.247
–63.9
2400.00
0.310
171.5
2.600
60.9
0.179
53.0
0.225
–69.8
2600.00
0.323
165.9
2.492
58.1
0.194
53.1
0.212
–76.5
2800.00
0.337
160.4
2.314
55.6
0.203
53.5
0.204
–82.2
3000.00
0.354
156.2
2.138
51.7
0.208
52.4
0.191
–86.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com