Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5435 Datasheet(PDF) 6 Page - NEC

Part # 2SC5435
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5435 Datasheet(HTML) 6 Page - NEC

  2SC5435 Datasheet HTML 1Page - NEC 2SC5435 Datasheet HTML 2Page - NEC 2SC5435 Datasheet HTML 3Page - NEC 2SC5435 Datasheet HTML 4Page - NEC 2SC5435 Datasheet HTML 5Page - NEC 2SC5435 Datasheet HTML 6Page - NEC 2SC5435 Datasheet HTML 7Page - NEC 2SC5435 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5435
6
Preliminary Data Sheet
2SC5435
S PARAMETER
VCE = 1.0 V, IC = 3.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.845
–27.5
8.623
154.9
0.048
72.9
0.936
–17.5
400.00
0.692
–52.2
7.239
135.2
0.080
60.6
0.777
–31.9
600.00
0.596
–75.4
6.076
119.0
0.103
53.2
0.643
–44.6
800.00
0.516
–92.2
5.213
107.7
0.116
48.5
0.561
–53.0
1000.00
0.447
–107.1
4.559
99.7
0.129
45.3
0.492
–57.2
1200.00
0.398
–121.7
4.018
92.7
0.141
43.5
0.429
–59.9
1400.00
0.375
–134.1
3.526
84.8
0.154
43.6
0.373
–63.5
1600.00
0.355
–145.5
3.117
78.8
0.163
44.7
0.328
–67.9
1800.00
0.336
–157.2
2.779
73.8
0.169
45.0
0.295
–72.2
2000.00
0.336
–169.7
2.520
69.4
0.175
44.1
0.266
–76.7
2200.00
0.354
–179.1
2.330
63.9
0.185
43.1
0.235
–83.0
2400.00
0.370
174.4
2.187
58.8
0.196
42.6
0.217
–91.3
2600.00
0.380
168.5
2.083
55.6
0.209
43.0
0.210
–99.1
2800.00
0.391
162.7
1.931
52.8
0.214
43.5
0.203
–105.2
3000.00
0.406
158.0
1.785
48.3
0.218
42.8
0.194
–111.2
VCE = 1.0 V, IC = 1.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.950
–15.4
3.449
164.3
0.050
80.0
0.985
–9.0
400.00
0.874
–30.3
3.205
149.9
0.094
68.3
0.921
–17.6
600.00
0.804
–47.6
2.937
136.1
0.132
59.3
0.840
–28.0
800.00
0.764
–62.1
2.773
123.9
0.160
51.8
0.796
–37.4
1000.00
0.700
–74.5
2.666
114.7
0.181
44.6
0.758
–43.0
1200.00
0.628
–86.3
2.427
106.6
0.200
38.8
0.697
–46.8
1400.00
0.574
–98.6
2.200
96.9
0.216
35.6
0.630
–51.1
1600.00
0.529
–110.5
2.080
88.4
0.220
33.5
0.570
–55.7
1800.00
0.487
–121.4
1.938
81.7
0.220
31.1
0.530
–60.5
2000.00
0.447
–134.5
1.779
75.6
0.218
27.3
0.493
–64.9
2200.00
0.438
–147.4
1.660
68.2
0.222
25.2
0.453
–69.4
2400.00
0.446
–157.1
1.581
61.7
0.224
24.4
0.424
–75.7
2600.00
0.445
–164.9
1.523
57.4
0.225
24.1
0.412
–81.8
2800.00
0.440
–172.6
1.425
53.3
0.220
24.1
0.406
–86.3
3000.00
0.444
179.8
1.332
48.0
0.216
23.5
0.387
–90.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com