Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5435 Datasheet(PDF) 2 Page - NEC

Part # 2SC5435
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5435 Datasheet(HTML) 2 Page - NEC

  2SC5435 Datasheet HTML 1Page - NEC 2SC5435 Datasheet HTML 2Page - NEC 2SC5435 Datasheet HTML 3Page - NEC 2SC5435 Datasheet HTML 4Page - NEC 2SC5435 Datasheet HTML 5Page - NEC 2SC5435 Datasheet HTML 6Page - NEC 2SC5435 Datasheet HTML 7Page - NEC 2SC5435 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5435
2
Preliminary Data Sheet
hFE CLASSIFICATION
RANK
EB
FB
Marking
TK
TL
hFE
75 to 110
95 to 140
TYPICAL CHARACTERISTICS (TA = 25
°C)
30
20
10
02
4
6
8
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE - Collector to Emitter Voltage - V
IB=200
A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
20 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
50
40
30
20
10
0
0.5
1.0
COLLECTOR CURRENT vs. DC BASE VOLTAGE
VBE - DC Base Voltage - V
VCE = 3 V
150
100
50
0
50
100
150
TA - Ambient Temperature - °C
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
500
200
100
50
20
2
5
10
20
50
100
DC CURRENT GAIN vs. COLLECTOR CURRENT
IC - Collector Current - mA
VCE = 3 V
10
1
µ
Free Air



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com