Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5435 Datasheet(PDF) 5 Page - NEC

Part # 2SC5435
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5435 Datasheet(HTML) 5 Page - NEC

  2SC5435 Datasheet HTML 1Page - NEC 2SC5435 Datasheet HTML 2Page - NEC 2SC5435 Datasheet HTML 3Page - NEC 2SC5435 Datasheet HTML 4Page - NEC 2SC5435 Datasheet HTML 5Page - NEC 2SC5435 Datasheet HTML 6Page - NEC 2SC5435 Datasheet HTML 7Page - NEC 2SC5435 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5435
5
Preliminary Data Sheet
2SC5435
S PARAMETER
VCE = 3.0 V, IC = 3.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.858
–24.0
8.684
157.0
0.038
74.9
0.951
–14.1
400.00
0.716
–45.8
7.442
138.3
0.067
63.9
0.818
–25.7
600.00
0.617
–67.2
6.355
122.7
0.088
56.7
0.693
–36.4
800.00
0.538
–82.8
5.529
111.3
0.101
52.6
0.621
–43.8
1000.00
0.460
–96.4
4.885
103.3
0.112
49.4
0.564
–47.0
1200.00
0.399
–109.7
4.332
96.5
0.124
47.3
0.504
–48.4
1400.00
0.365
–122.4
3.819
88.6
0.136
47.6
0.449
–50.6
1600.00
0.338
–133.9
3.390
82.5
0.145
48.7
0.403
–53.5
1800.00
0.314
–145.6
3.039
77.6
0.151
49.4
0.370
–56.9
2000.00
0.304
–159.0
2.758
73.0
0.157
48.2
0.341
–60.0
2200.00
0.316
–170.1
2.549
67.1
0.167
47.7
0.314
–63.5
2400.00
0.331
–177.4
2.402
62.6
0.178
47.3
0.289
–69.1
2600.00
0.340
175.8
2.289
59.2
0.191
47.6
0.275
–74.9
2800.00
0.349
169.4
2.133
56.4
0.197
48.6
0.268
–79.6
3000.00
0.364
163.8
1.977
52.1
0.201
47.9
0.252
–83.3
VCE = 3.0 V, IC = 1.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.954
–13.7
3.491
165.5
0.040
79.6
0.989
–7.4
400.00
0.886
–27.2
3.221
152.2
0.078
71.1
0.935
–14.5
600.00
0.817
–43.2
2.976
139.2
0.110
62.2
0.864
–23.4
800.00
0.782
–57.0
2.826
127.6
0.134
55.5
0.828
–31.9
1000.00
0.725
–68.5
2.750
118.6
0.154
48.9
0.803
–36.9
1200.00
0.654
–79.3
2.528
111.1
0.171
43.2
0.751
–40.0
1400.00
0.594
–90.9
2.298
101.8
0.186
39.7
0.690
–43.5
1600.00
0.545
–102.6
2.186
93.2
0.191
38.2
0.632
–47.4
1800.00
0.502
–112.9
2.053
86.4
0.193
36.2
0.592
–51.8
2000.00
0.452
–125.6
1.892
80.3
0.191
32.5
0.558
–55.7
2200.00
0.434
–138.7
1.770
73.0
0.196
30.6
0.523
–59.2
2400.00
0.440
–149.2
1.689
66.6
0.199
29.6
0.491
–64.5
2600.00
0.436
–157.2
1.632
61.9
0.202
29.8
0.477
–69.9
2800.00
0.427
–165.3
1.536
57.9
0.197
30.6
0.472
–74.1
3000.00
0.427
–173.5
1.438
52.9
0.193
30.3
0.453
–77.3
VCE = 1.0 V, IC = 5.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.750
–36.8
12.139
148.1
0.043
69.6
0.883
–23.4
400.00
0.570
–67.3
9.418
126.2
0.070
58.2
0.669
–39.8
600.00
0.476
–92.0
7.424
110.4
0.087
53.3
0.526
–51.9
800.00
0.404
–109.5
6.104
100.4
0.098
51.4
0.444
–58.7
1000.00
0.354
–125.4
5.191
93.7
0.111
50.3
0.380
–61.7
1200.00
0.330
–140.0
4.491
87.3
0.124
49.8
0.326
–63.7
1400.00
0.323
–151.1
3.905
80.4
0.139
50.3
0.281
–67.3
1600.00
0.312
–161.5
3.422
75.5
0.151
51.5
0.245
–71.8
1800.00
0.308
–172.4
3.031
71.2
0.161
52.3
0.219
–76.5
2000.00
0.320
177.0
2.732
67.1
0.170
51.2
0.194
–82.0
2200.00
0.342
169.8
2.517
61.9
0.183
49.8
0.169
–90.3
2400.00
0.360
164.6
2.361
57.6
0.197
48.9
0.157
–100.8
2600.00
0.373
159.6
2.243
54.8
0.212
48.9
0.154
–110.5
2800.00
0.389
154.8
2.075
52.4
0.220
49.0
0.150
–118.5
3000.00
0.405
151.2
1.914
48.2
0.226
47.8
0.147
–126.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com