Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45CS1282 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45CS1282
Description  Sector Erase Architecture
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45CS1282_14 Datasheet HTML 3Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 4Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 5Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 6Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 7Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 8Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 9Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 10Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
The six most-significant bits of the status register will contain device information, while
the remaining two least-significant bits are reserved for future use and will have unde-
fined values. After the one byte of the status register has been clocked out, the
sequence will repeat itself (as long as CS remains low and SCK/CLK is being toggled).
The data in the status register is constantly updated, so each repeating sequence will
output new data.
Ready/busy status is indicated using bit 7 of the status register. If bit 7 is a 1, then the
device is not busy and is ready to accept the next command. If bit 7 is a 0, then the
device is in a busy state. Since the data in the status register is constantly updated, the
user must toggle SCK/CLK pin to check the ready/busy status. There are four opera-
tions that can cause the device to be in a busy state: Main Memory Page to Buffer
Transfer, Main Memory Page to Buffer Compare, Buffer to Main Memory Page Program
and Sector Erase.
The result of the most recent Main Memory Page to Buffer Compare operation is indi-
cated using bit 6 of the status register. If bit 6 is a 0, then the data in the main memory
page matches the data in the buffer. If bit 6 is a 1, then at least one bit of the data in the
main memory page does not match the data in the buffer.
The device density is indicated using bits 5, 4, 3, and 2 of the status register. For the
AT45CS1282, the four bits are 0, 1, 0, 0. The decimal value of these four binary bits
does not equate to the device density; the four bits represent a combinational code
relating to differing densities of DataFlash devices. The device density is not the same
as the density code indicated in the JEDEC device ID information. The device density is
provided only for backward compatibility.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDY/BUSY
COMP
010
0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com