Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45CS1282 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45CS1282
Description  Sector Erase Architecture
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45CS1282_14 Datasheet HTML 5Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 6Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 7Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 8Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 9Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 10Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 11Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 12Page - ATMEL Corporation AT45CS1282_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
Security Register
The AT45CS1282 contains a specialized register that can be used for security purposes
in system design. The Security Register is a unique 128-byte register that is divided into
two portions. The first 64 bytes (byte 0 to byte 63) of this register are allocated as a one-
time user programmable space. Once these 64 bytes have been programmed, they
should not be reprogrammed. The remaining 64 bytes of this register (byte 64 to byte
127) are factory programmed by Atmel and will contain a unique number for each
device. The factory programmed data is fixed and cannot be changed.
The Security Register can be read by clocking in opcode 77H to the device followed by
four address bytes (which are comprised of 21 don’t care bits plus 11 byte address bits)
and a series of don’t care clock cycles (24 if using the serial interface and 19 if using the
8-bit interface). The Security Register Read can be terminated by asserting CS low to
high after the 128-byte security register has been read out. The continuation of clocking
past that will result in indeterminate data on the output. See the opcode table on page
13 for this mode.
To program the first 64 bytes of the Security Register, a two step sequence must be
used. The first step requires that the user loads the desired data into Buffer 1 by using
the Buffer 1 Write operation (opcode 84H – see Buffer Write description). The user
should specify the starting buffer address as location zero and should write a full
64 bytes of information into the buffer. Otherwise, the first 64 bytes of the buffer may
contain data that was previously stored in the buffer. It is not necessary to fill the remain-
ing 992 bytes (byte locations 64 through 1055) of the buffer with data. After the Buffer 1
Write operation has been completed, the Security Register can be subsequently pro-
grammed by reselecting the device and clocking in opcode 9AH into the device followed
by four don’t care bytes (32 clock cycles if using the serial interface and four clock
cycles if using the 8-bit interface). After the final don’t care clock cycle has been
completed, a low-to-high transition on the CS pin will cause the device to initiate an
internally self-timed program operation in which the contents of Buffer 1 will be pro-
grammed into the Security Register. Only the first 64 bytes of data in Buffer 1 will be
programmed into the Security Register; the remaining 992 bytes of the buffer will be
ignored. The Security Register program operation should take place in a maximum time
of t
P.
Operation Mode
Summary
The modes described can be separated into two groups – modes that make use of the
Flash memory array (Group A) and modes that do not make use of the Flash memory
array (Group B).
Group A modes consist of:
1.
Main Memory Page Read
2.
Continuous Array Read
3.
Main Memory Page to Buffer 1 (or 2) Transfer
4.
Main Memory Page to Buffer 1 (or 2) Compare
5.
Buffer 1 (or 2) to Main Memory Page Program
6.
Sector 0a Erase
7.
Sector 0b-63 Erase
Group B modes consist of:
1.
Buffer 1 (or 2) Read
2.
Buffer 1 (or 2) Write
3.
Status Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com