Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS80C58X2 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TS80C58X2
Description  Programmable Clock Out and Up/Down Timer/Counter 2
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C58X2 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TS80C58X2_14 Datasheet HTML 41Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 42Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 43Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 44Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 45Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 46Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 47Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 48Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
4431E–8051–04/06
AT/TS8xC54/8X2
5.
Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temper-
ature and 5V.
6.
Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total I
OL for all output pins: 71 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current
greater than the listed test conditions.
7.
For other values, please contact your sales office.
8.
Operating I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure
19-5.), V
IL = VSS + 0.5 V,
V
IH = VCC - 0.5V; XTAL2 N.C.; EA = Port 0 = VCC; RST = VSS. The internal ROM runs the code 80 FE (label: SJMP
label). I
CC would be slightly higher if a crystal oscillator is used. Measurements are made with OTP products when
possible, which is the worst case.
Figure 19-1. ICC Test Condition, under reset
Figure 19-2. Operating I
CC Test Condition
EA
VCC
VCC
ICC
(NC)
CL O C K
SIGNAL
VCC
All other pins are disconnected.
RST
XTAL2
XTAL1
VSS
VCC
P0
EA
V
CC
V
CC
I
CC
(NC)
CL O C K
SIGNAL
All other pins are disconnected.
RST
XTAL2
XTAL1
VSS
VCC
P0
Reset = Vss after a high pulse
during at least 24 clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com