Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9248-96 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9248-96
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-96 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9248-96 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ICS9248-96
0311D—04/23/04
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Note 1: Default at power-up will be for latched logic inputs to define frequency (Bit 3 = 0).
* These frequencies with spread enabled are equal to original Intel defined frequencies with -0.5% down spread.
I
2C is a trademark of Philips Corporation
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
,
2
t
i
B
4
:
7
t
i
B
)
4
:
7
,
2
(
t
i
B
K
L
C
U
P
C
)
z
H
M
(
M
A
R
D
S
)
z
H
M
(
6
6
V
3
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
C
I
P
A
O
I
_
Q
E
R
F
)
z
H
M
(
e
g
a
t
n
e
c
e
r
P
d
a
e
r
p
S
1
1
0
0
0
1
e
t
o
N
10
00000
0
8
.
6
60
2
.
0
0
10
8
.
6
60
4
.
3
30
7
.
6
10
4
.
3
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
0000
1
0
0
.
8
60
0
.
2
0
10
0
.
8
60
0
.
4
30
0
.
7
10
0
.
4
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
000
1
0
0
3
.
0
0
10
3
.
0
0
17
8
.
6
63
4
.
3
32
7
.
6
13
4
.
3
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
000
1
1
0
0
.
3
0
10
0
.
3
0
17
6
.
8
63
3
.
4
37
1
.
7
13
3
.
4
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
00
1
0
0
3
7
.
3
3
10
3
.
0
0
17
8
.
6
63
4
.
3
32
7
.
6
13
4
.
3
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
00
1
0
1
0
0
.
5
4
15
7
.
8
0
10
5
.
2
75
2
.
6
33
1
.
8
15
2
.
6
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
00
11
0
3
7
.
3
3
10
3
.
0
0
17
8
.
6
63
4
.
3
32
7
.
6
13
4
.
3
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
00
111
3
3
.
7
3
10
0
.
3
0
17
6
.
8
63
3
.
4
37
1
.
7
13
3
.
4
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
0
1
000
0
0
.
0
4
10
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
01
0
0
1
0
0
.
0
4
10
0
.
0
4
13
3
.
3
97
6
.
6
43
3
.
3
27
6
.
6
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
01
01
0
0
0
.
8
1
10
0
.
8
1
17
6
.
8
73
3
.
9
37
6
.
9
13
3
.
9
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
01
01
1
0
0
.
4
2
10
0
.
4
2
17
6
.
2
83
3
.
1
47
6
.
0
23
3
.
1
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
01
1
0
0
0
7
.
3
3
10
7
.
3
3
13
1
.
9
87
5
.
4
48
2
.
2
27
5
.
4
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
01
1
0
1
0
0
.
7
3
10
0
.
7
3
13
3
.
1
97
6
.
5
43
8
.
2
27
6
.
5
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
0
111
0
0
0
.
0
5
10
5
.
2
1
10
0
.
5
70
5
.
7
35
7
.
8
10
5
.
7
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
0
1111
0
5
.
2
75
7
.
8
0
10
5
.
2
75
2
.
6
33
1
.
8
15
2
.
6
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
1
0000
0
0
.
5
70
5
.
2
1
10
0
.
5
70
5
.
7
35
7
.
8
10
5
.
7
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
1
000
1
0
0
.
3
80
0
.
3
87
6
.
7
23
8
.
3
12
9
.
63
8
.
3
1r
e
t
n
e
C
%
5
2
.
0
-
/
+
10
0
1
0
0
0
.
0
1
10
0
.
0
1
13
3
.
3
77
6
.
6
33
3
.
8
17
6
.
6
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
10
0
1
1
0
0
.
0
2
10
0
.
0
2
10
0
.
0
80
0
.
0
40
0
.
0
20
0
.
0
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
10
10
0
0
0
.
5
2
10
0
.
5
2
13
3
.
3
87
6
.
1
43
8
.
0
27
6
.
1
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
10
10
1
5
2
.
9
68
8
.
3
0
15
2
.
9
63
6
.
4
31
3
.
7
13
6
.
4
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
10
1
1
0
0
0
.
0
70
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
1
0
111
7
6
.
6
70
0
.
5
1
17
6
.
6
73
3
.
8
37
1
.
9
13
3
.
8
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
11
000
0
0
.
5
4
10
0
.
5
4
17
6
.
6
93
3
.
8
47
1
.
4
23
3
.
8
4r
e
t
n
e
C
%
5
2
.
0
-
/
+
11
00
1
0
5
.
6
65
7
.
9
90
5
.
6
65
2
.
3
33
6
.
6
15
2
.
3
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
11
0
1
0
0
0
.
0
5
10
0
.
0
5
10
0
.
0
0
10
0
.
0
50
0
.
5
20
0
.
0
5*
r
e
t
n
e
C
%
5
2
.
0
-
/
+
11
0
1
1
5
7
.
9
95
7
.
9
90
5
.
6
65
2
.
3
33
6
.
6
15
2
.
3
3*
r
e
t
n
e
C
%
5
2
.
0
-
/
+
111
0
0
0
0
.
5
5
10
0
.
5
5
13
3
.
3
0
17
6
.
1
53
8
.
5
27
6
.
1
5r
e
t
n
e
C
%
5
2
.
0
-
/
+
111
0
1
0
5
.
6
6
10
5
.
6
6
10
0
.
1
1
10
5
.
5
55
7
.
7
20
5
.
5
5r
e
t
n
e
C
%
5
2
.
0
-
/
+
1111
0
3
3
.
3
5
10
0
.
5
1
17
6
.
6
73
3
.
8
37
1
.
9
13
3
.
8
3r
e
t
n
e
C
%
5
2
.
0
-
/
+
11111
0
0
.
3
3
15
7
.
9
90
5
.
6
65
2
.
3
33
6
.
6
15
2
.
3
3*
r
e
t
n
e
C
%
5
2
.
0
-
/
+
3
t
i
B
s
t
u
p
n
I
d
e
h
c
t
a
L
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
,
2
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
d
a
e
r
p
S
r
e
t
n
e
C
%
5
2
.
0
±
d
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com