Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9248-96 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248-96
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-96 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248-96 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
ICS9248-96
0311D—04/23/04
Absolute Maximum Ratings
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Group Timing Relationship Table
Group
Offset
Tolerance
Offset
Tolerance
Offset
Tolerance
CPU to SDRAM
2.5ns
500ps
5.0ns
500ps
0.0ns
500ps
CPU to 3V66
7.5ns
500ps
5.0ns
500ps
0.0ns
500ps
SDRAM to 3V66
0.0ns
500ps
0.0ns
500ps
0.0ns
500ps
3V66 to PCI
1.5-3.5ns
500ps
1.5-3.5ns
500ps
1.5-3.5ns
500ps
PCI to PCI
0.0ns
1.0ns
0.0ns
1.0ns
0.0ns
1.0ns
USB & DOT
Async
N/A
Async
N/A
Async
N/A
CPU 133MHz
CPU 66MHz
CPU 100MHz
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
IDD3.3OP
300
340
IDD2.5OP
12
15
IDD3.3OP
300
350
IDD2.5OP
25
30
IDD3.3OP
300
420
IDD2.5OP
35
40
Input Frequency
Fi
VDD = 3.3 V
14.31818
MHz
CIN
Logic Inputs
5pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
3
ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3ms
1Guaranteed by design, not 100% tested in production.
300
IDD3.3PD
CL = Max loads; VIN = VDD or GND
Input Capacitance
1
Input Low Current
Power Down Supply
Current
CL = Max loads; CPU @ 66 MHz; SDRAM @ 100 MHz
CL = Max loads; CPU @ 100 MHz; SDRAM @ 100 MHz
CL = Max loads; CPU @ 133 MHz; SDRAM @ 133 MHz
Operating Supply
Current
600
mA
µA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com