Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9248-96 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-96
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-96 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-96 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ICS9248-96
0311D—04/23/04
Electrical Characteristics - IOAPIC
TA = 0 - 70°C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
VO = VDD/2
13.5
14
45
Output High Voltage
VOH2B
IOH = -1 mA
22.5
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.2
0.4
V
VOH = 1.0 V
-27
VOH = 2.375 V
-9
-27
VOL = 1.2 V
27
68
VOL = 0.3 V
20
30
Rise Time
1
tr
0.4 V to 2.0 V
0.5
1.1
2
ns
Fall Time
1
tf
2.0 V to 0.4 V
0.5
1.1
2
ns
Duty Cycle
1
dt
VT = 1.25 V
45
50
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
130
500
ps
1Guaranteed by design and characterization, not 100% tested in production.
Output High Current
IOH
mA
Output Low Current
IOL
mA
Electrical Characteristics - SDRAM
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP3
VO = VDD/2
10
24
Output High Voltage
VOH3
IOH = -1 mA
2.4
3.3
V
Output Low Voltage
VOL3
IOL = 1 mA
0.01
0.4
V
VOH = 2.0 V
-54
-124
VOH = 3.135 V
-20
-46
VOL = 1.0 V
54
105
VOL = 0.4 V
46
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
1
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
1
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
53
55
%
Skew window
1
tsk3
VT = 1.5 V
98
250
ps
Jitter
1
tjcyc-cyc
VT = 1.5 V
170
250
ps
1Guaranteed by design and characterization, not 100% tested in production.
mA
mA
Output High Current
Output Low Current
IOH3
IOL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com