Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9248-96 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-96
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-96 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-96 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-96 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
ICS9248-96
0311D—04/23/04
Block Diagram
Recommended Application:
810/810E type chipset.
Output Features:
2- CPUs @ 2.5V, up to 166.5MHz.
9 - SDRAM @ 3.3V, up to 155MHz including
1 free running
8 - PCICLK @ 3.3V
1 - IOAPIC @ 2.5V,
2 - 3V66MHz @ 3.3V, 2X PCI MHz
2 - 48MHz, @ 3.3V fixed.
1 - 24/48MHz, @3.3V selectable by I
2C
1 - REF @v3.3V, 14.318MHz.
Features:
Up to 166.5MHz frequency support
Support FS0-FS3 strapping status bit for I
2C read
back.
Support power management: Through Power down
Mode from I
2C programming.
Spread spectrum for EMI control ( ± 0.25% center).
Uses external 14.318MHz crystal
Skew Specifications:
CPU – CPU: <175ps
SDRAM - SDRAM: < 250ps
3V66 – 3V66: <175ps
PCI – PCI: <500ps
CPU-SDRAM<500ps
For group skew specifications, please refer to group
timing relationship table.
Functionality
Pin Configuration
48-Pin 300mil SSOP
* These inputs have a 120K pull up to VDD.
** 60K pull-up to VDD on indicated input
1 These are double strength.
Frequency Generator & Integrated Buffers for Celeron & PII/III™
Additional
frequencies
selectable
through
I
2C
programming.
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
M
A
R
D
S
)
z
H
M
(
6
6
V
3
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
C
I
P
A
O
I
2
/
K
L
C
I
C
P
=
1
)
z
H
M
(
C
I
P
A
O
I
K
L
C
I
C
P
=
0
)
z
H
M
(
00
0
0
0
8
.
6
60
2
.
0
0
10
8
.
6
60
4
.
3
30
7
.
6
10
4
.
3
3
00
0
1
0
0
.
8
60
0
.
2
0
10
0
.
8
60
0
.
4
30
0
.
7
10
0
.
4
3
00
1
0
0
3
.
0
0
10
3
.
0
0
17
8
.
6
63
4
.
3
32
7
.
6
13
4
.
3
3
00
1
1
0
0
.
3
0
10
0
.
3
0
17
6
.
8
63
3
.
4
37
1
.
7
13
3
.
4
3
01
0
0
3
7
.
3
3
10
3
.
0
0
17
8
.
6
63
4
.
3
32
7
.
6
13
4
.
3
3
01
0
1
0
0
.
5
4
15
7
.
8
0
10
5
.
2
75
2
.
6
33
1
.
8
15
2
.
6
3
01
1
0
3
7
.
3
3
10
3
.
0
0
17
8
.
6
63
4
.
3
32
7
.
6
13
4
.
3
3
01
1
1
3
3
.
7
3
10
0
.
3
0
17
6
.
8
63
3
.
4
37
1
.
7
13
3
.
4
3
10
0
0
0
0
.
0
4
10
0
.
5
0
10
0
.
0
70
0
.
5
30
5
.
7
10
0
.
5
3
10
0
1
0
0
.
0
4
10
0
.
0
4
13
3
.
3
97
6
.
6
43
3
.
3
27
6
.
6
4
10
1
0
0
0
.
8
1
10
0
.
8
1
17
6
.
8
73
3
.
9
37
6
.
9
13
3
.
9
3
10
1
1
0
0
.
4
2
10
0
.
4
2
17
6
.
2
83
3
.
1
47
6
.
0
23
3
.
1
4
11
0
0
0
7
.
3
3
10
7
.
3
3
13
1
.
9
87
5
.
4
48
2
.
2
27
5
.
4
4
11
0
1
0
0
.
7
3
10
0
.
7
3
13
3
.
1
97
6
.
5
43
8
.
2
27
6
.
5
4
11
1
0
0
0
.
0
5
10
5
.
2
1
10
0
.
5
70
5
.
7
35
7
.
8
10
5
.
7
3
11
1
1
0
5
.
2
75
7
.
8
0
10
5
.
2
75
2
.
6
33
1
.
8
15
2
.
6
3


Similar Part No. - ICS9248-96

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-90 ICST-ICS9248-90 Datasheet
281Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 4/19/00
ICS9248-92 ICST-ICS9248-92 Datasheet
341Kb / 14P
Mobile Pentium IITM System Clock Chip
Rev E 02/21/01
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
More results

Similar Description - ICS9248-96

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com