Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3105 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics AN3105 Datasheet HTML 10Page - STMicroelectronics AN3105 Datasheet HTML 11Page - STMicroelectronics AN3105 Datasheet HTML 12Page - STMicroelectronics AN3105 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AN3105
Input current harmonics measurement
Doc ID 16774 Rev 2
9/30
3
Input current harmonics measurement
One of the main purposes of a PFC pre-conditioner is the correction of input current
distortion, decreasing the harmonic contents below the limits of the relevant regulations.
Therefore, this demonstration board has been tested according to the European standard
EN61000-3-2 Class-C relevant to lighting equipment, at full load and nominal input voltage
mains. Measurement results are in Figure 4 - on the lefthand side.
The circuit shows its ability to reduce the harmonics, also well below the limits of
EN61000-3-2 Class-C regulation, not only at full load but also at significant lower load; on
the righthand side of Figure 4 the input current harmonics measurement at light load
(minimum input power to be compliant with the above mentioned rule is 25 W) shows that
even if the power supply is working out of its typical operating region it is still compliant with
the EN61000-3-2 Class-C limits.
Figure 4.
EVL130W-SL-EU demonstration board: compliance to EN61000-3-2 Class-C standard
VIN = 230 VAC - 50 Hz, POUT = 130 W
VIN = 230 VAC - 50 Hz, PIN = 26.7 W
THD = 6.85%, PF = 0.981
THD = 10.3%, PF = 0.753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com