Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3105 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3105 Datasheet HTML 1Page - STMicroelectronics AN3105 Datasheet HTML 2Page - STMicroelectronics AN3105 Datasheet HTML 3Page - STMicroelectronics AN3105 Datasheet HTML 4Page - STMicroelectronics AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Main characteristics and circuit description
AN3105
4/30
Doc ID 16774 Rev 2
1
Main characteristics and circuit description
The main features of the SMPS are:
●
Extended European input mains range: 177 to 277 VAC - frequency 45 to 55 Hz
●
Output voltage: 48 V at 2.7 A
●
Long-life electrolytic capacitors are not used
●
Mains harmonics: acc. to EN61000-3-2 Class-C
●
Efficiency at full load: better than 90%
●
EMI: according to EN55022-Class-B
●
Safety: double insulation, according to EN60950, SELV
●
Dimensions: 75 x 135 mm, 30 mm components maximum height
●
No heatsinks needed
●
PCB: single side, 35 µm, FR-4, mixed PTH/SMT
1.1
Power Factor corrector
The PFC stage, working in transition mode, acts as a pre-regulator and powers the resonant
stage with the output voltage of 450 V. The PFC power topology is a conventional boost
converter, connected to the output of the rectifier bridge D3. It is completed by the coil L1,
manufactured by MAGNETICA, the diode D2 and the capacitors C5, C6, and C7 in parallel.
The PFC output capacitors are film type, 5 µF - 800 V, manufactured by EPCOS. Using film
capacitors to replace the typical electrolytic capacitors considerably increases the MTBF of
the board.
The boost switch is represented by the Power MOSFET Q2. The board is equipped with an
input EMI filter necessary to filter the commutation noise coming from the boost stage. The
PFC implements the L6562AT controller, a small and inexpensive controller which is
guaranteed for operation over a wide temperature range.
At startup, the L6562AT is supplied by the startup resistors R5, R8, and R13 charging the
capacitor C13; once the PFC begins switching, a charge pump connected to the auxiliary
winding of the PFC inductor L1 supplies both PFC and resonant controllers via a small
linear regulator realized by Q1. Once both stages have been activated, the controllers are
also supplied by the auxiliary winding of the resonant transformer, assuring correct supply
voltage during all load condition operations. The L1 auxiliary winding is also connected to
the L6562AT pin #5 (ZCD) through the resistor R18. Its purpose is to provide the information
that L1 has demagnetized, needed by the internal logic to trigger a new switching cycle. The
PFC boost peak current is sensed by resistor R34 in series to the MOSFET source; the
signal is fed into pin #4 (CS) of the L6562AT, via the filter R27 and C16.
The dividers R7, R12, R14, and R22 provide the information on the instantaneous mains
voltage to the L6562AT multiplier which is used to modulate the peak current of the boost.
The resistors R2, R6, R9 with R15 and R16 are dedicated to sensing the output voltage and
feed, to the L6562AT, the feedback information necessary to keep the output voltage
regulated. The components C11 and R20 (C12 is shorted) make up the error amplifier
compensation network necessary to keep the required loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com