Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3105 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3105 Datasheet HTML 1Page - STMicroelectronics AN3105 Datasheet HTML 2Page - STMicroelectronics AN3105 Datasheet HTML 3Page - STMicroelectronics AN3105 Datasheet HTML 4Page - STMicroelectronics AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AN3105
List of figures
Doc ID 16774 Rev 2
3/30
List of figures
Figure 1.
EVL130W-SL-EU: 130 W SMPS for LED street lighting applications. . . . . . . . . . . . . . . . . . 1
Figure 2.
EVL130W-SL-EU demonstration board: electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
EVL130W-SL-EU demonstration board efficiency diagrams . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
EVL130W-SL-EU demonstration board: compliance to EN61000-3-2 Class-C standard . . 9
Figure 5.
EVL130W-SL-EU demonstration board: input current waveform at 230 V - 50 Hz - 130 W
load and 65 W load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
EVL130W-SL-EU demonstration board: Power Factor and Total Harmonic Distortion vs.
load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
EVL130W-SL-EU demonstration board: PFC stage and L6562AT waveforms at 230 V -
50 Hz - full load – detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
EVL130W-SL-EU demonstration board: primary and secondary side resonant stage
waveforms at 230 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
EVL130W-SL-EU demonstration board: high and low frequency ripple on output voltage at
230 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
EVL130W-SL-EU demonstration board: output voltage variation driving a CC LED converter
- PWM = 90% and PWM = 15% . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
EVL130W-SL-EU demonstration board: short-circuit at 230 VAC - 50 Hz - full load and open
loop protection intervention at 20 W load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 12.
EVL130W-SL-EU demonstration board: startup at 230 VAC - 50 Hz - full load . . . . . . . . . 16
Figure 13.
Thermal map at 230 VAC - 50 Hz - full load - PCB top side . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 14.
Thermal map at 230 VAC - 50 Hz - full load - PCB bottom side . . . . . . . . . . . . . . . . . . . . . 18
Figure 15.
CE peak measure at 230 VAC and full load - phase wire . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 16.
CE peak measure at 230 VAC and full load - neutral wire . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 18.
PFC coil mechanical aspect(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 19.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 20.
Transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com