Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3105 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3105 Datasheet HTML 1Page - STMicroelectronics AN3105 Datasheet HTML 2Page - STMicroelectronics AN3105 Datasheet HTML 3Page - STMicroelectronics AN3105 Datasheet HTML 4Page - STMicroelectronics AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN3105
Main characteristics and circuit description
Doc ID 16774 Rev 2
5/30
1.2
Resonant power stage
The down-stream converter is a resonant LLC half-bridge stage working with 50 percent
fixed duty cycle and variable frequency. It implements the ST L6599AT, integrating all
functions necessary to properly control the resonant topology.
The resonant transformer, manufactured by MAGNETICA, uses the integrated magnetic
approach, so the leakage inductance is used for resonant operation of the circuit. Therefore,
no external, additional coil is needed for the resonance. The transformer secondary winding
configuration is the typical centre tap, using a couple of type STPS10150CG power Schottky
rectifiers. The output capacitors are film type, 4.7 µF - 63 V from EPCOS. Like for the PFC
stage, using film capacitors allows to increase considerably the MTBF of the board.
A small LC filter has been added on the output, in order to filter the high frequency ripple.
D21, D22, and R55 implement a voltage controlled bleeder; in the case of no-load operation
of the SMPS, this circuit provides a bleeder limiting the increase of output voltage, but not
affecting efficiency during normal operation. Please note that the converter has not been
designed to work in this condition and therefore its mains consumption is not optimized
(~3 W).
1.3
Startup sequence
The PFC acts as master and therefore starts first; the resonant stage operates only if the
PFC is delivering the nominal output voltage to prevent the resonant converter from working
with a too low input voltage which can cause incorrect capacitive mode operation. Therefore
both stages are designed to work according to this sequence.
For correct sequencing, the L6599AT makes use of the LINE pin (#7) to sense the PFC
output voltage via a resistor divider. The L6599AT LINE pin (#7) has an internal comparator
which has a hysteresis allowing the turn-on and turn-off voltage to be set independently. At
startup, the LLC stage starts once the PFC output voltage reaches ~ 430 V, while the turn-
off threshold has been set to ~ 330 V.
1.4
Output voltage feedback loop
The output voltage is kept stable by means of a feedback loop implementing a typical circuit
using a TS2431 to modulate the current in the optocoupler diode.
On the primary side, R43 - connecting pin RFMIN (#4) to the optocoupler's phototransistor -
allows the L6599AT oscillator frequency to be modulated, therefore keeping the output
voltage regulated. It also sets the maximum switching frequency at about 130 kHz. R42,
which connects the same pin to ground, sets the minimum switching frequency. The R-C
series R37 and C24 sets both soft-start maximum frequency and duration.
All demonstration boards implement the voltage loop circuitry described above but in case
a current loop is also required it can be achieved by implementing the following modifications:
●
Replace R30 and R31 0R0
Ω resistors with sensing resistors, 0R033 and 0R039
respectively, both 0805
●
Populate on PCB U4 and the relevant components reported on the schematic as N.M.:
C36 = 1N0-0805; C37 = 100NF-0805; R51 = 15R-0805; R56 = 1K0-0805; R61 =22K-
1206; C41 = 2N2-0805; U5 = SEA05TR
●
Remove the TS2431AILT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com