Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4231 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 2Page - STMicroelectronics AN4231 Datasheet HTML 3Page - STMicroelectronics AN4231 Datasheet HTML 4Page - STMicroelectronics AN4231 Datasheet HTML 5Page - STMicroelectronics AN4231 Datasheet HTML 6Page - STMicroelectronics AN4231 Datasheet HTML 7Page - STMicroelectronics AN4231 Datasheet HTML 8Page - STMicroelectronics AN4231 Datasheet HTML 9Page - STMicroelectronics AN4231 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Low Power Modes overview
AN4231
6/22
DocID024130 Rev 2
Figure 1. MC_ME mode diagram
The microcontroller enters in STANDBY mode from the DRUN or one of the RUN0...3
modes.
The Mode transition is performed by writing ME_MCTL register twice:
1st write: TARGET_MODE + KEY
2nd write: TARGET_MODE + INVERTED KEY
Refer to the explained code in this application note to know which are the TARGET_MODE
and KEY values to enter in STANDBY mode.
In STANDBY mode the power supply is turned off for most of the microcontroller. The only
parts that are still turned on are pads mapped on wakeup lines in order to allow the standby
exit using an external event and the power domain 0.
The power domain 0 (PD0) contains some modules that are always enabled and allows to
wake up the microcontroller once a wakeup event occurs.
In this power domain the following modules are still powered:
Reset Generation Module (MC_RGM)
Power Controller Unit (MC_PCU)
GAPGRI00362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com