Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4231 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 6Page - STMicroelectronics AN4231 Datasheet HTML 7Page - STMicroelectronics AN4231 Datasheet HTML 8Page - STMicroelectronics AN4231 Datasheet HTML 9Page - STMicroelectronics AN4231 Datasheet HTML 10Page - STMicroelectronics AN4231 Datasheet HTML 11Page - STMicroelectronics AN4231 Datasheet HTML 12Page - STMicroelectronics AN4231 Datasheet HTML 13Page - STMicroelectronics AN4231 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Application code structure
AN4231
10/22
DocID024130 Rev 2
3
Application code structure
This section gives an overview of the application code implemented to test the enter/exit of
the STANDBY mode from FLASH to RAM using the Z4 core. It is also discussed how to
change the core during the STANDBY exit and, in case of Z4 core, how to configure the
system memory in order to be available in VLE mode for the core.
Figure 4 explains the application execution starting from a Power on Reset till the jump to
the code in RAM or in FLASH. In relation to this the core chooses an MMU init function unit
which is added in order to manage the memory section for the core Z4.
Figure 4. Diagram flow of application code implemented
3.1
Peripheral used
Device: SPC564xB/C
System clock: 120 MHz by PLL initialization
CGM (Clock Generation Module): PLL is configured as system clock
RGM (Reset Generation Module): set the status at the STANDBY exit
WKUP (Wake Up Unit): set an input pin to exit from STANDBY
ME: Mode entry in order to enter in STANDBY mode
GAPGRI00365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com