Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4231 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 3Page - STMicroelectronics AN4231 Datasheet HTML 4Page - STMicroelectronics AN4231 Datasheet HTML 5Page - STMicroelectronics AN4231 Datasheet HTML 6Page - STMicroelectronics AN4231 Datasheet HTML 7Page - STMicroelectronics AN4231 Datasheet HTML 8Page - STMicroelectronics AN4231 Datasheet HTML 9Page - STMicroelectronics AN4231 Datasheet HTML 10Page - STMicroelectronics AN4231 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID024130 Rev 2
7/22
AN4231
Low Power Modes overview
 Wakeup unit (WKPU)
8 KB of RAM
Real time clock/ Autonomous Periodic Interrupt (RTC_API)
CANSampler
Slow IRC
Fast IRC (can be optionally disabled)
System Status and Configuration Module (SSCM)
This mode is intended as follows:
As an extreme low-power mode with everything powered down apart from the
necessary circuitry to allow device wakeup and eventually a RTC/API (real time clock)
implementation
To be used by software to remain in the lowest power consumption state with no
requirement to wake up quickly
To exit from this mode, a wakeup event occurs. For this reason, the wake up unit is
configured before entering in the STANDBY mode.However, in addition to booting from the
default location, the microcontroller is also configured to boot from the backup RAM. In the
case of booting from backup RAM, it is also possible to keep the CFLASH and DFLASH
disable by writing “01” to the CFLAON and DFLAON field in the ME_DRUN_MC register
prior to STANDBY entry. This allows a lower power consumption and a faster wakeup time,
due to the fact that it does not need to wait for FLASH initialization (about ~120 us).
If there is a STANDBY mode request while any wakeup event is active, the microcontroller
does not enter STANDBY mode.
In STANDBY mode power domain 1 is disabled. Power domains 2 and 3 are selectively
configured to enable additional SRAM as defined in Figure 2.
For more information on the Low Power Management refer to the Chapter 11 of the RM.
1.1
Settings for RAM in STANDBY
STANDBY mode offers maximum power saving. The level of power saving is software-
controllable via the settings in the PCU_PCONFn registers for power domain 2 onwards.
Power domain 0 stays connected to the power supply while power domain 1 is disconnected
from the power supply.
Power domains 2 and 3 contain the backup RAM extensions and is only powered down
during STANDBY mode. Therefore, writing ‘0’ to the respective bits for the other modes do
not power down those domains.
Depending on PCONF[2-3] configuration, there are four possible combinations for the
amount of RAM active in STANDBY mode as shown in the Table 2. The 40 KB option results
in a non-contiguous address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com