Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1453 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1453
Description  NEW FAMILY OF 150V POWER SCHOTTKY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1453 Datasheet(HTML) 7 Page - STMicroelectronics

  AN1453 Datasheet HTML 1Page - STMicroelectronics AN1453 Datasheet HTML 2Page - STMicroelectronics AN1453 Datasheet HTML 3Page - STMicroelectronics AN1453 Datasheet HTML 4Page - STMicroelectronics AN1453 Datasheet HTML 5Page - STMicroelectronics AN1453 Datasheet HTML 6Page - STMicroelectronics AN1453 Datasheet HTML 7Page - STMicroelectronics AN1453 Datasheet HTML 8Page - STMicroelectronics AN1453 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APPLICATION NOTE
7/9
It can be observed that this is not an ideal
Schottky. In fact, when the voltage rises at , we
have a value of IRM. The charge QrrB is not easily
identifiable because it is embedded in the
capacitive current.
However, the slope dIR/dt can be observed.
Unlike a PN diode, we can see that with the 150V
Schottky the maximum reverse voltage (VRmax)
and the maximum reverse current (IRM) are
distinctly lower.
The equivalent model at t0 for a STPR1620CT and
a STPS16150CT is the same, with the lower initial
conditions at t0:
I
I
and V
0
LRM
D
f
schottky
=≈
In Fig. 16, we can see the curve Cj versus VR for
the 200V bipolar and 150V Schottky diode.
Whatever
the
reverse
voltage,
the
junction
capacitance of the 150V Schottky is always higher
than for a PN diode. This justifies, the lower
observed with the Schottky diode.
In summary, when we compare the different
parameters with those of the bipolar diode, we
have:
()
II
CC
dI / dt
RM
RM
jj
R
bi
bipolar
schottky
bipolar
schottky
>
<
()
()
()
polar
R
schottky
bipolar
schottky
Rma
dI / dt
dV / dt
dV / dt
V
>
>
x
Rmax
bipolar
schottky
V
>
Thus, a different efficiency of the snubber circuit
with a bipolar diode and a Schottky diode is
observed. In most cases, we can say that the 150V
Schottky behaves better at turn-off, due to its
larger capacity and its softness recovery.
Model showed in Fig. 13 can be used to define the
snubber circuit.
NB:
In the case of a Forward converter with multiple
outputs (12V, 5V, 3.3V…) and cross regulation
with coupled inductor, the poor behaviour at the
turn-off with a bipolar diode on 12V output, will be
reflected on the other coupled outputs (that means
an overvoltage on rectification diode of 5V output).
A 150V Schottky will decrease the coupled effects.
3.2.2. EMC Comparison between a 150V
Schottky and a 200V bipolar diode
The better the behaviour at turn-off of the 150V
Schottky in comparison with a 200V bipolar diode,
the better performance in the EMC.
Fig. 16 shows the comparison of electromagnetic
disturbance conducted in a 45W/24V Flyback
converter
(in
continuous
mode)
between
a
STPR1620CT and a STPS16150CT with a
snubber circuit.
We can see near 30MHz, that there is a difference
of -10dB. This difference is partially explained by
the higher dV/dt with a bipolar diode at turn-off
than with a 150V Schottky. In fact, the lower
capacitance junction of the PN diode favors the
high dV/dt at t0, and therefore the common current
mode. ( i
C dV / dt, C
CM =⋅
equivalent capacitance
junction-heatsink)
The other high dV/dt, which could take place due
to the strong oscillation, are suppressed by a good
choice of the snubber circuit.
F=1MHz,Tj=125°C
0.0
50.0
100.0
150.0
200.0
250.0
300.0
1
10
100
1000
VR(V)
STPR1620CT
STPS16150CT
Fig. 16: Cj versus VR
STPR1620CT
STPS16150CT
Fig. 17: Electromagnetic disturbances conducted
between a STPR1620CT and a STPS16150CT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com