Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1453 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1453
Description  NEW FAMILY OF 150V POWER SCHOTTKY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1453 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1453 Datasheet HTML 1Page - STMicroelectronics AN1453 Datasheet HTML 2Page - STMicroelectronics AN1453 Datasheet HTML 3Page - STMicroelectronics AN1453 Datasheet HTML 4Page - STMicroelectronics AN1453 Datasheet HTML 5Page - STMicroelectronics AN1453 Datasheet HTML 6Page - STMicroelectronics AN1453 Datasheet HTML 7Page - STMicroelectronics AN1453 Datasheet HTML 8Page - STMicroelectronics AN1453 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APPLICATION NOTE
4/9
3.2.1. Difference of spike voltage between a
150V Schottky and 200V PN diode
In a Flyback converter, the reverse voltage (VR
used in §2) across the diode will be maximum, for
the maximum mains voltage (VINmax):
VV
n
n
V
R
INmax
s
p
out
=⋅
+
(cf Fig. 9)
In addition to this nominal reverse voltage (VR),
generally an overvoltage spike at the turn-off of the
diode is observed (Fig. 9). It can be shown that
with a conventional bipolar diode, this spike is
more important for a Flyback converter working in
continuous mode than in a discontinuous mode.
In the case of a high spike voltage, the Maximum
Repetive Reverse Voltage (VRRM) of the diode has
to be oversized, compared with the real need (VR)
defined in Fig. 9.
To limit this peak and to preserve a "guard band"
with the VRRM (in order to avoid reaching the
breakdown voltage), the designer places a
snubber circuit (RS,CS) in parallel with the diode.
Generally, the "guard band" is such that the
maximum voltage reapplied to the diode does not
exceed 80% of the VRRM.
This spike voltage is due to the leakage inductance
of the transformer (Lf) and to the nature of the
recovery charge of the diode, which itself depends
on the diode technology: bipolar diode or Schottky
diode.
3.2.1.1 Turn-off behaviour for a PN diode
In the datasheet are specified the main turn-off
parameters (Qrr,IRM,trr…). These parameters are
represented in Fig. 10:
The following oscillogram shows the turn-off
behaviour for a bipolar diode (STPR1620CT) with
snubber and without snubber, in a 24V/45W
Flyback working in continuous mode.
To observe the phenomenon correctly, it is
necessary to compensate the delay time between
the voltage and the current, (by temporal shift) due
to the measuring equipment Fig. 11.
V
D
V
s
I
D
V
in
n
p
n
s
V
P
V
o u t
V
D
V
Rmax
I
RM
I
D
Turn-off diode
R
s
C
s
V
RRM
V= V
RIN
+V
out
n
n
s
p
Fig. 9: Spike voltage across the rectification diode
I
d /dt
I F
t
d /dt
I R
Q = Q + Q
rr
rra
rrb
t = t + t
rrab
V
R
Q
rra
Q
rrb
I
RM
V
t
a
t
b
S =
t
t
b
a
V
Rma x
Fig. 10: Key parameters at turn-off for a bipolar
diode without snubber
dI /dt=600A/µs
R
I =4A
RM
V =42V
R
t0
t0
20V/div
2A/div
50ns/div
dV/dt
I
I
I
I
V
V
V
V
Tj=100°C
delay time
Compensative curve
R =22ohms
s
C =2.2nF
s
dI /dt=130A/µs
F
V
=250V
Rmax
V
=90V
Rmax
Fig. 11: Switching behaviour of a 200V bipolar
diode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com