Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1453 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1453
Description  NEW FAMILY OF 150V POWER SCHOTTKY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1453 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1453 Datasheet HTML 1Page - STMicroelectronics AN1453 Datasheet HTML 2Page - STMicroelectronics AN1453 Datasheet HTML 3Page - STMicroelectronics AN1453 Datasheet HTML 4Page - STMicroelectronics AN1453 Datasheet HTML 5Page - STMicroelectronics AN1453 Datasheet HTML 6Page - STMicroelectronics AN1453 Datasheet HTML 7Page - STMicroelectronics AN1453 Datasheet HTML 8Page - STMicroelectronics AN1453 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APPLICATION NOTE
2/9
1.1. Example 1: FLYBACK
The first example is a 24V/48W Flyback converter
working in continuous mode (Vmains=90V) with
the following conditions:
α
ID
max
min
out
0.4, I
6.66A, I
3.33A, I
2A
ID
ID
==
=
=
Calculations per diode give:
I
= 1A and I
= 1.6A
F(AV)per diode
F(RMS) per diode
We can now calculate the efficiency gain (
∆η(%)=
ηref - η) for this Flyback converter which has a
reference
(ref)
efficiency
of
85%
with
STPR1020CT:
1.2. Example 2: FORWARD
In the following example, the conduction losses in
a 12V/96W Forward converter are simulated:
α
D1
Lmax
Lmin
out
0.3, I
9A, I
7A, I
8A
==
=
=
Calculations per diode give:
I
2.4A, I
4.39A
I
5.6A, I
F(AV)D1
F(RMS)D1
F(AV)D2
F(R
==
=
MS)D2
6.71A
=
The
difference
of
efficiency
between
a
STPR1620CT (2x8A, 200V Ultrafast) and a
STPS16150CT (2x8A, 150V Schottky) for a 12V
output, are given in table Fig. 5:
These two examples show that whatever the type
of converter, a significant efficiency gain can be
achieved only by replacing a 200V bipolar diode by
a 150V Schottky.
I
D
V
in
I
o u t
Fig. 2: Rectification diode in a Flyback converter
Pout=48W
Vout=24V
VT0
typ(V)
Rd
m
Ω
Pcond
(W)
∆P
(W)
η=85
%
1.5A, 3A,
125°C
∆η%
STPR102CT
2x5A / 200V
PN diode
0.58 46.5
1.4
0 (ref) 0 (ref)
STPR162CT
2x8A / 200V
PN diode
0.54 46.5
1.32
-0.08 +0.12
STPS10150CT
2x5A / 150V
Schottky diode
0.50
43
1.22
-0.18 +0.27
STPS16150CT
2x8A / 150V
Schottky diode
0.47
40
1.14
-0.26 +0.39
Fig. 3: Example of efficiency gain in Flyback
converter
I
L
D1
D2
V
in
I
o u
Fig. 4: Rectification diode in a Forward converter
Pout=96W
Vout=12V
VT0
typ(V)
Rd
m
Ω
Pcond
(W)
∆P
(W)
η=85
%
7A, 9A,
125°C
∆η%
STPR1620CT
0.8
20
6.48
Ref
Ref
STPS16150CT 0.68
20
5.60
-0.95 +0.72
Fig. 5: Example of efficiency gain in Flyback
converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com