Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1453 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1453
Description  NEW FAMILY OF 150V POWER SCHOTTKY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1453 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1453 Datasheet HTML 1Page - STMicroelectronics AN1453 Datasheet HTML 2Page - STMicroelectronics AN1453 Datasheet HTML 3Page - STMicroelectronics AN1453 Datasheet HTML 4Page - STMicroelectronics AN1453 Datasheet HTML 5Page - STMicroelectronics AN1453 Datasheet HTML 6Page - STMicroelectronics AN1453 Datasheet HTML 7Page - STMicroelectronics AN1453 Datasheet HTML 8Page - STMicroelectronics AN1453 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APPLICATION NOTE
3/9
2. REVERSE LOSSES AND TJMAX
2.1. Reverse losses: Prev
The reverse losses can be determined by:
PV
I
(1
rev
R
R
=⋅ ⋅ − α)
with:
(1- ): duty cycle when the reverse voltage (VR)is
applied
IR: leakage current versus VR and operating
junction temperature (Tj)
VR: reapplied voltage accross the diode
Fig. 6 shows an example of reverse losses in a
Flyback converter with the following conditions:
()
1
−=
=
=
°
α
0.4, V
80V, T
125 C
Rj
Thus, the reverse losses are very low due to the
low value of the leakage current.
The following paragraph will show that due to
these low values of reverse current, the thermal
runaway limit is only reached for high junction
temperature.
2.2. Tjmax before thermal instability is reached
Remembering that the stability criterion is given
by:
dP
dT
1
R
rev
j
th(j a)
<
−
with:
P
V .I
.(1
rev
R
R(VR,Tjmax)
=− α)
The above formulae give the critical value of the
leakage current before the thermal runaway limit is
reached:
I
Vc.R
R(VR,Tjmax)
R
th(j a)
=
⋅⋅ −
−
1
1
()
α
The evolution of the leakage current versus Tj and
VR is given by:
II
exp
R(V ,Tj)
R(V ,125)
c(Tj 125)
RR
=
−
From these physical laws, it can be deduced that:
T
125
1
c
In
I
I
jmax
R(V ,Tjmax)
R
(V ,125 C)datashee
R
max
R
=+ ⋅
°
t
Example:
Flyback converter with 2 diodes in parallel
()
1
−=
=
=
α
0.4, c
0.069, V
80V
R
R
2.4 C / W, R
7.6 C / W
th(j c)total
th(c a)
−−
=°
=
°
This example shows that in a typical application, a
150V Schottky can be used up to 175°C.
STMicroelectronics specifies in the datasheet
Tjmax at 175°C.
3. SWITCHING BEHAVIOUR
3.1. Turn-on behaviour
The behaviour at turn-on is characterized by a low
value of peak forward voltage (VFP) and forward
reverse recovery time (tfr) (Fig. 8).
These values depends mainly on the dIF/dt. The
switching losses at turn-on are always negligible.
3.2. Turn-off behaviour
The turn-off behaviour is a transitory phenomenon
(ns), but repetitive depending on the switching
frequency. It is a source of spike voltage, noise
and for high switching frequency, of non-negligible
switching losses.
In order to illustrate this phenomenon, the example
of a Flyback converter will be used once again.
The difference in behaviour between a 150V
Schottky and 200V bipolar diode will be compared
for the three following points: spike voltage, EMC
and switching losses.
IRtyp per diode
100V, 125°C
Prev
per diode
STPS10150CT
130µA
4.2mW
Fig. 6: Example of reverse losses in a Flyback
converter
For a dual
diode
IRmax
(80V, 125°C)
IR(VR,Tjmax)
Tjmax
STPS10150CT
1.3mA
45.28mA 176.5°C
Fig. 7: Example of Tjmax with STPS10150CT
IF=16A
dIF/dt=100A/µs
Tj=25°C
Per diode
tfr
(ns)
VFP
(V)
STPS16150CT
100
2.2
Fig. 8: VFP and tfr for STPS16150CT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com