Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGS2353 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGS2353_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Specifications (cont.)
Thermal and Reliability Information
Parameter
Condition
Rating
Thermal Resistance, θJC, measured to back of carrier (die
mounted to a 20 mil CuMo carrier using 1.5 mil 80/20
AuSn)
Tbase = 70 °C
θJC = 8.4 °C/W
Channel Temperature (Tch), and Median Lifetime (Tm)
Tbase = 70 °C, Vc1 = 0 V, Vc2 = -40
V, Pin = 10 W, Pdiss = 2.9 W
Tch = 94.5 °C
Tm = 1.8 E+10 Hours
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
1.E+14
1.E+15
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, Tch (°C)
Median Lifetime (Tm) vs. Channel Temperature (Tch)
FET7
Preliminary Data Sheet: Rev A 06/20/11
- 3 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com