Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGS2353 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGS2353_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Preliminary Data Sheet: Rev A 06/20/11
- 1 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
High Power Switching
Product Features
Functional Block Diagram
Frequency Range: DC – 18 GHz
Input Power: up to 10 W
Insertion Loss: < 1.5 dB
Isolation: -30 dB typical
Switching Speed: < 35 ns
Control Voltages: 0 V/-40 V from either side of
MMIC
Dimensions: 1.15 x 1.65 x 0.1 mm
3, 6
Vc2
J1
RF In
Vc1
J2
RF Out1
J3
RF Out2
5
4
2, 7
1
General Description
Bond Pad Configuration
The TriQuint TGS2353 is a Single-Pole, Double-Throw
(SPDT) Switch. The TGS2353 operates from DC to 18
GHz and is designed using TriQuint’s 0.25um GaN on
SiC production process.
The TGS2353 typically provides up to 10 W input power
handling at control voltages of 0/-40 V. This switch
maintains low insertion loss < 1.5 dB, and high isolation
-30 dB typical.
The TGS2353 is ideally suited for High Power
Switching application.
Lead-free and RoHS compliant
Bond Pad #
Symbol
1
RF In
2, 7
Vc2
3, 6
Vc1
4
RF Out1
5
RF Out2
Ordering Information
Part No.
ECCN
Description
TGS2353
EAR99
DC – 18 GHz High Power
SPDT Switch


Similar Part No. - TGS2353_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGS2353-2 QORVO-TGS2353-2 Datasheet
383Kb / 8P
0.5 – 18.0 GHz High Power SPDT Switch
Sept. 30, 2021
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Qorvo, Inc
TGS2353-2-SM QORVO-TGS2353-2-SM Datasheet
573Kb / 10P
0.5 - 18 GHz High Power SPDT Reflective Switch
Mar. 15, 2023
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
More results

Similar Description - TGS2353_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
DC ??18 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351_15 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com