Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGS2353 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGS2353_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 9Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Preliminary Data Sheet: Rev A 06/20/11
- 10 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.972.994.8465
Email: info-sales@tqs.com
Fax:
+1.972.994.8504
For technical questions and application information:
Email: info-products@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products. The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com