Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGS2353 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGS2353_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Preliminary Data Sheet: Rev A 06/20/11
- 2 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Control Voltage, Vc
- 50 V
Control Current, Ic
-1 to 5.8 mA
Power Dissipation, Pdiss
3.5 W
RF Input Power, CW, 50Ω,T = 25ºC
41 dBm
Channel Temperature, Tch
275 oC
Mounting Temperature
(30 Seconds)
320 oC
Storage Temperature
-40 to 150 oC
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress
ratings only, and functional operation of the device at these
conditions is not implied.
Recommended Operating Conditions
Parameter
Min
Typical
Max
Units
Vc1
-40 / 0
V
Vc2
0 / -40
V
Ic1 / Ic2
-0.3 to 0.1
mA
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC,
Vc1 = -40/0 V, Vc2 = 0/-40 V, see Function Table at Application Circuit on page
5.
Parameter
Min
Typical
Max
Units
Operational Frequency Range
DC
18
GHz
Control Current (Ic1/ Ic2)
-0.5
0.1
mA
Insertion Loss (On-State)
< 1.5
dB
Input Return Loss – On-State (Common Port RL)
15
dB
Output Return Loss – On-State (Switched Port RL)
15
dB
Isolation (Off-State)
-30
dB
Output Return Loss – Off-Sate (Isolated Port RL)
2.5
dB
Input Power 1/
40
dBm
Insertion Loss Temperature Coefficient
-0.003
dB/°C
Switching Speed - On
31
ns
Switching Speed - Off
18
ns
1/ The Input Power will be reduced if < 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com