Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0064 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM0064 Datasheet HTML 2Page - STMicroelectronics PM0064 Datasheet HTML 3Page - STMicroelectronics PM0064 Datasheet HTML 4Page - STMicroelectronics PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics PM0064 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Programming sequence
PM0064
6/13
Doc ID 16274 Rev 3
Figure 2.
Programming mode entry pulses on CS: all 4 pulses
Figure 3.
Programming mode clock on CX: double clock + time delay between
double clocks
3.2
Option read
1.
Programming mode entry (State_1): Follow steps to enter programming mode as in
Table 2.
2.
Option read (State_20) reads the options. See Table 3: Option read (State_20).
Option bit interpretation: 0 = option not programmed; 1 = option programmed.
Note:
Whenever the state of CS is changed, allow enough time for the transition to occur
depending on the CS capacitor connected to the circuit.
1
1
CS
Programming mode entry point
f = 650Hz (± 3%), t = 1 / ( 2 x f ) _ 770µs
8 µs
8 µs
16 µs
Table 3.
Option read (State_20)
Step
Action
Explanation
1.
CS = LOW
CS should be LOW to move through states 3, 7, 11, 15 into State_19.
2.
CX - 5 double clock
Clock IC until it is in State_19.
3.
CS = HIGH
CS = 1 required for transition from State_19 to State_20.
4.
CX - 1 double clock
Clock IC into State_20.
5.
CX - 1 double clock
The IC places option_0 value on OUT pin.
6.
Read option on OUT Option value is now available on OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com