Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0064 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics PM0064 Datasheet HTML 10Page - STMicroelectronics PM0064 Datasheet HTML 11Page - STMicroelectronics PM0064 Datasheet HTML 12Page - STMicroelectronics PM0064 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PM0064
Programming sequence
Doc ID 16274 Rev 3
9/13
Note:
The ‘Low’ level of Steps 6 and 7 during programming are not absolutely mandatory. They
could be ‘High’ if it is easier for the electronic command; provided they have the correct level
for the next state transition.
7.
CS = LOW
CS = 0 to prevent false signal when VREG is raised later on.
8.
VREG = VDD
Connect VREG to VDD (6.7 V).
9.
Wait 200 ms.
Allow time for option programming process.
10.
VREG release
Disconnect VREG from VDD.
11.
Wait 20 ms.
Allow time for VREG capacitor to discharge.
Table 5.
Option programming (State_4) (continued)
Step
Action
Explanation
Table 6.
Option programming (State_6)
Step
Action
Explanation
1.
CX - 1 double clock
Clock the IC into State_6.
2.
CS = HIGH
CS = 1 required to remain in State_6.
3.
CX - 1 double clock
Signal for IC to program options.
4.
CX = LOW
CX = 0 to prevent false signal when VREG is raised later on.
5.
CS = LOW
CS = 0 to prevent false signal when VREG is raised later on.
6.
VREG = VDD
Connect VREG to VDD (6.7 V).
7.
Wait 200ms
Allow time for option programming process.
8.
VREG release
VDD = 5.0 V
Disconnect VREG from VDD and decrease VDD voltage back to
5V.
9.
Wait 20 ms
Allow time for VREG capacitor to discharge.
10.
CX - 1 double clock
Clock the IC into State_7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com