Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0064 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0064 Datasheet HTML 1Page - STMicroelectronics PM0064 Datasheet HTML 2Page - STMicroelectronics PM0064 Datasheet HTML 3Page - STMicroelectronics PM0064 Datasheet HTML 4Page - STMicroelectronics PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PM0064
Programming sequence
Doc ID 16274 Rev 3
5/13
3
Programming sequence
Figure 4 describes how to program the STM8T141 device and then verify that your
programming was successful. Each state transition depends on the CS value and the clock
pulses applied to CX.
3.1
Programming mode entry
Programming mode entry (State_1) is the point from where you navigate to other
programming mode states. Each sequence in the following chapters uses the programming
mode entry sequence described in Table 2.
Refer to Figure 2 and Figure 3 for special sequences on CS (step 6) and CX (step 10).
Table 2.
Programming mode entry (State_1)
Step
Action
Explanation
1.
Make OUT input
Make the OUT pin an input.
2.
IC power ON
VDD = 5V
3.
CX = LOW
Start state of CX.
4.
CS = High
Start state of CS.
5.
Wait > 4ms
Wait for VREG to stabilize. Increase time if necessary to allow for a
larger capacitor on VREG.
6.
CS – 9 transitions
(starting with a
falling transition)
See Figure 2. The timing on CS is important. This timing is taken from
the center frequency. If the frequency is changed, or is not according to
specification, the timing must be scaled accordingly.
7.
Wait 100us
Wait for CS capacitor to discharge.
8.
CX = HIGH
CX is normally HIGH. Clocking is done with negative pulses.
9.
Wait 100us
Wait for CS capacitor to charge.
10.
CX - 9 double clock
18 negative pulses on CX to get into programming mode (State_0). All
CX clocks consist of two consecutive negative going pulses. See
Figure 3.
11.
CS = HIGH
CS = 1 required for transition from State_0 to State_1.
12.
CX - 1 double clock
Clock IC into State_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com