Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0064 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM0064
Description  How to program the STM8T141 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0064 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM0064 Datasheet HTML 4Page - STMicroelectronics PM0064 Datasheet HTML 5Page - STMicroelectronics PM0064 Datasheet HTML 6Page - STMicroelectronics PM0064 Datasheet HTML 7Page - STMicroelectronics PM0064 Datasheet HTML 8Page - STMicroelectronics PM0064 Datasheet HTML 9Page - STMicroelectronics PM0064 Datasheet HTML 10Page - STMicroelectronics PM0064 Datasheet HTML 11Page - STMicroelectronics PM0064 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Programming sequence
PM0064
8/13
Doc ID 16274 Rev 3
3.3
Option programming
1.
Programming mode entry (State_1): Follow steps to enter programming mode as in
Table 2.
2.
Option register write (State_2) writes the value of the options that must be programmed
into the Option register. See Table 4: Option programming (State_2).
3.
Option programming (State_4) is the first stage to program the options that were
programmed into the Option register. See Table 5: Option programming (State_4).
4.
Option programming (State_6) is the second stage of programming the options. See
Table 6: Option programming (State_6).
Note:
The reserved Option bits must not be altered (one way to ensure they are not altered is to
set them to 0 regardless of their value).
Refer to the STM8T141 datasheet for the position of the reserved Option bits.
Table 4.
Option programming (State_2)
Step
Action
Explanation
1.
CS = HIGH
CS = 1 required for transition from State_1 to State_2.
2.
CX - 1 double clock
Clock IC into State_2.
3.
Make OUT an output
In State_2 OUT is an IC input, data can be written to it by the
programmer.
4.
OUT = LOW
Place a 0 on OUT.
5.
CX - 1 double clock
Clock in the 0 on OUT to prepare the register.
6.
OUT = option bit value
Place the value for option_0 on OUT.
7.
CX - 1 double clock
Clock in option value.
8.
Repeat Steps 6 and 7 for
all options except
option_15.
Clock in all the options until option_14 is clocked in, leaving only
option_15 not yet clocked into the register.
9.
CS = LOW
The final option is written to the register while moving into
State_3.
10.
OUT = option_15
Place the final option on OUT.
11.
CX - 1 double clock
Clock in option_15; this automatically clocks the IC into State_3.
12.
Tri-state OUT pin
Any controller attached to the IC's OUT must be tri-stated.
Table 5.
Option programming (State_4)
Step
Action
Explanation
1.
CS = HIGH
CS = 1 required for transition from State_3 to State_4.
2.
CX - 1 double clock
Clock IC into State_4.
3.
VDD = 6.7 V
Increase power for IC up to 6.7 V
(+/- 0.1V).
4.
Wait 1 ms.
Wait for voltage to stabilize at 6.7 V
(+/- 0.1V).
5.
CX - 1 double clock
Signal for IC to program options.
6.
CX = LOW
CX = 0 to prevent false signal when VREG is raised later on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com