Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1343 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1343
Description  Software-Selectable Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1343_15 Datasheet HTML 3Page - Linear Technology LTC1343_15 Datasheet HTML 4Page - Linear Technology LTC1343_15 Datasheet HTML 5Page - Linear Technology LTC1343_15 Datasheet HTML 6Page - Linear Technology LTC1343_15 Datasheet HTML 7Page - Linear Technology LTC1343_15 Datasheet HTML 8Page - Linear Technology LTC1343_15 Datasheet HTML 9Page - Linear Technology LTC1343_15 Datasheet HTML 10Page - Linear Technology LTC1343_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1343
TEST CIRCUITS
Figure 1. RS422 Driver Test Circuit
Figure 2. RS422 Driver/Receiver AC Test Circuit
Figure 4. V.10/V.28 Driver Test Circuit
Figure 5. V.10/V.28 Receiver Test Circuit
Figure 3. V.35 Driver/Receiver Test Circuit
ODE SELECTIO
LTC1343 MODE NAME
M2
M1
M0
CTRL/CLK
D1
D2
D3
D4
R1
R2
R3
R4
V.10, RS423
0
0
0
X
V.10
V.10
V.10
V.10
V.10
V.10
V.10
V.10
EIA-530-A Clock and Data
0
0
1
0
V.10
V.11
V.11
V.11
V.11
V.11
V.11
V.10
EIA-530-A Control
0
0
1
1
V.10
V.11
V.10
V.11
V.11
V.10
V.11
V.10
Reserved
0
1
0
X
V.10
V.11
V.11
V.11
V.11
V.11
V.11
V.10
X.21
0
1
1
X
V.10
V.11
V.11
V.11
V.11
V.11
V.11
V.10
V.35 Clock and Data
1
0
0
0
V.28
V.35
V.35
V.35
V.35
V.35
V.35
V.28
V.35 Control
1
0
0
1
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
EIA-530, RS449, V.36
1
0
1
X
V.10
V.11
V.11
V.11
V.11
V.11
V.11
V.10
V.28, RS232
1
1
0
X
V.28
V.28
V.28
V.28
V.28
V.28
V.28
V.28
No Cable
1
1
1
X
Z
Z
Z
Z
Z
Z
Z
Z
A
B
1343 F01
VOD
VOC
RL
50
RL
50
A
B
A
R
B
1343 F02
RL
100
CL
100pF
CL
100pF
15pF
A
B
D
A
B
1343 F03
R
VOD
VCM
50
125
125
50
50
50
15pF
A
D
1343 F04
RL
CL
A
D
1343 F04
15pF
R
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com