Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1343 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1343
Description  Software-Selectable Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343 Datasheet(HTML) 1 Page - Linear Technology

  LTC1343_15 Datasheet HTML 1Page - Linear Technology LTC1343_15 Datasheet HTML 2Page - Linear Technology LTC1343_15 Datasheet HTML 3Page - Linear Technology LTC1343_15 Datasheet HTML 4Page - Linear Technology LTC1343_15 Datasheet HTML 5Page - Linear Technology LTC1343_15 Datasheet HTML 6Page - Linear Technology LTC1343_15 Datasheet HTML 7Page - Linear Technology LTC1343_15 Datasheet HTML 8Page - Linear Technology LTC1343_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1343
Software-Selectable
Multiprotocol Transceiver
s
Software-Selectable Transceiver Supports:
RS232, RS449, EIA-530, EIA-530-A, V.35, V.36,
X.21
s
NET1 and NET2 Compliant
s
Software-Selectable Cable Termination Using
the LTC1344
s
4-Driver/4-Receiver Configuration Provides a
Complete 2-Chip DTE or DCE Port
s
Operates from Single 5V Supply
s
Internal Echoed Clock and Loop-Back Logic
The LTC
®1343 is a 4-driver/4-receiver multiprotocol trans-
ceiver that operates from a single 5V supply. Two LTC1343s
form the core of a complete software-selectable DTE or DCE
interface port that supports the RS232, RS449, EIA-530,
EIA-530-A, V.35, V.36 or X.21 protocols. Cable termination
may be implemented using the LTC1344 software-selectable
cable termination chip or by using existing discrete designs.
The LTC1343 runs from a single 5V supply using an internal
charge pump that requires only five space saving surface mount
capacitors. The mode pins are latched internally to allow sharing
of the select lines between multiple interface ports.
Software-selectable echoed clock and loop-back modes help
eliminate the need for external glue logic between the serial
controller and line transceiver. The part features a flow-
througharchitecturetosimplifyEMIshieldingandisavailable
in the 44-lead SSOP surface mount package.
DTE Multiprotocol Serial Interface with DB-25 Connector
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Data Networking
s
CSU and DSU
s
Data Routers
D2
LTC1343
RTS
DTR
DSR
DCD
CTS
RL
D1
D3
D4
R1
R3
R4
R2
D2
LTC1343
LL
TXD
SCTE
TXC
RXC
RXD
TM
18
2
14
24
11
15
12
17
9
3
1
4
19
20
23
6
22
8
10
5
13
21
7
16
25
1343 TA01
DB-25 CONNECTOR
LTC1344
D1
D3
D4
R1
R3
R4
R2
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1343_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343C LINER-LTC1343C Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1343CGW LINER-LTC1343CGW Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1343I LINER-LTC1343I Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1343IGW LINER-LTC1343IGW Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC1343_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com