Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1343 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1343
Description  Software-Selectable Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1343_15 Datasheet HTML 9Page - Linear Technology LTC1343_15 Datasheet HTML 10Page - Linear Technology LTC1343_15 Datasheet HTML 11Page - Linear Technology LTC1343_15 Datasheet HTML 12Page - Linear Technology LTC1343_15 Datasheet HTML 13Page - Linear Technology LTC1343_15 Datasheet HTML 14Page - Linear Technology LTC1343_15 Datasheet HTML 15Page - Linear Technology LTC1343_15 Datasheet HTML 16Page - Linear Technology LTC1343_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1343
APPLICATIONS INFORMATION
Figure 19. V.28 Receiver Configuration
Figure 21. V.35 Receiver Configuration
The generator differential impedance must be 50
Ω to
150
Ω and the impedance between shorted terminals (A
and B) and ground C must be 150
Ω ±15Ω. For the
generator termination, switches S1 and S2 are both on and
the top side of the center resistor is brought out to a pin so
it can be bypassed with an external capacitor to reduce
common mode noise as shown in Figure 22.
Any mismatch in the driver rise and fall times or skew in
the driver propagation delays will force current through
the center termination resistor to ground, causing a high
frequency common mode spike on the A and B terminals.
The common mode spike can cause EMI problems that are
reduced by capacitor C1 which shunts much of the com-
mon mode energy to ground rather than down the cable.
V.35 Interface
A typical V.35 balanced interface is shown in Figure 20. A
V.35 differential generator with outputs A and B with
ground C is connected to a differential receiver with
ground C
', inputs A' connected to A, B' connected to B. The
V.35 interface requires a T or delta network termination at
the receiver end and the generator end. The receiver
differential impedance measured at the connector must be
100
Ω ±10Ω, and the impedance between shorted termi-
nals (A
' and B) and ground C' must be 150
Ω ±15Ω.
In V.35 mode, both switches S1 and S2 inside the LTC1344
are on, connecting the T network impedance as shown in
Figure 21. Both switches in the LTC1343 are off. The 30k
input impedance of the receiver is placed in parallel with
the T network termination, but does not affect the overall
input impedance significantly.
Figure 20. Typical V.35 Interface
Figure 22. V.35 Driver Using the LTC1344
R3
124
R5
20k
LTC1344
LTC1343
RECEIVER
1343 F19
A
B
A
'
B
'
C
'
R1
51.5
R8
6k
S2
S3
S4
R2
51.5
R6
10k
R7
10k
GND
R4
20k
S1
R3
124
R5
20k
LTC1344
LTC1343
RECEIVER
1343 F21
A
B
A
'
B
'
C
'
R1
51.5
R8
6k
S2
S3
S4
R2
51.5
R6
10k
R7
10k
GND
R4
20k
S1
A
A
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
1343 F20
50
125
50
50
125
50
V.35 DRIVER
A
B
C
51.5
S2
ON
S1
ON
1343 F22
51.5
LTC1344
124
C1
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com