Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1343 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1343
Description  Software-Selectable Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1343_15 Datasheet HTML 20Page - Linear Technology LTC1343_15 Datasheet HTML 21Page - Linear Technology LTC1343_15 Datasheet HTML 22Page - Linear Technology LTC1343_15 Datasheet HTML 23Page - Linear Technology LTC1343_15 Datasheet HTML 24Page - Linear Technology LTC1343_15 Datasheet HTML 25Page - Linear Technology LTC1343_15 Datasheet HTML 26Page - Linear Technology LTC1343_15 Datasheet HTML 27Page - Linear Technology LTC1343_15 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1343
1343fa LT/TP 0899 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1996
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
GW Package
44-Lead Plastic SSOP (Wide 0.300)
(LTC DWG # 05-08-1642)
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1321
Dual RS232/RS485 Transceiver
2 RS232 Driver/Receiver Pairs or 2 RS485 Driver/Receiver Pairs
LTC1334
Single 5V RS232/RS485 Multiprotocol Transceiver
2 RS232 Driver/Receiver or 4 RS232 Driver/Receiver Pairs
LTC1344/LTC1344A
Software-Selectable Cable Terminator
Perfect for Terminating the LTC1343
LTC1345
Single Supply V.35 Transceiver
3 Driver/3 Receiver for Data and Clock Signals
LTC1346A
Dual Supply V.35 Transceiver
3 Driver/3 Receiver for Data and Clock Signals
LTC1543
Software-Selectable Multiprotocol Transceiver
3 Driver/3 Receiver for Data and Clock Signals
LTC1544
Software-Selectable Multiprotocol Transceiver
4 Driver/4 Receiver for Control Signals Including LL
LTC1545
Software-Selectable Multiprotocol Transceiver
5 Driver/5 Receiver for Control Signals Including LL, RL, TM
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
G44 SSOP 1098
0
° – 8° TYP
0.231 – 0.3175
(0.0091 – 0.0125)
0.610 – 1.016
(0.024 – 0.040)
7.417 – 7.595**
(0.292 – 0.299)
× 45°
0.254 – 0.406
(0.010 – 0.016)
2.286 – 2.387
(0.090 – 0.094)
0.127 – 0.292
(0.005 – 0.0115)
2.463 – 2.641
(0.097 – 0.104)
0.800
(0.0315)
BSC
0.304 – 0.431
(0.012 – 0.017)
17.805 – 18.059*
(0.701 – 0.711)
123456789 10 11 12 13 14 15 16 17 18 19 20 21
10.160 – 10.414
(0.400 – 0.410)
22
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
NOTE: DIMENSIONS ARE IN MILLIMETERS
*
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com