Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6515 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF6515
Description  3.3V, 2.4GHz FRONT-END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6515 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF6515 Datasheet HTML 3Page - RF Micro Devices RF6515 Datasheet HTML 4Page - RF Micro Devices RF6515 Datasheet HTML 5Page - RF Micro Devices RF6515 Datasheet HTML 6Page - RF Micro Devices RF6515 Datasheet HTML 7Page - RF Micro Devices RF6515 Datasheet HTML 8Page - RF Micro Devices RF6515 Datasheet HTML 9Page - RF Micro Devices RF6515 Datasheet HTML 10Page - RF Micro Devices RF6515 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RF6515
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
-35
-30
-25
-20
-15
-10
-5
0
5
10
02468
10
12
14
16
18
20
22
24
Input
Power
(dBm)
Output Power (dBm)
Input Power versus Output Power
VCC=3.3V; PA_EN=1.6V
2400MHz
2441.5 MHz
2483MHz
-35
-30
-25
-20
-15
-10
-5
0
5
10
02468
10
12
14
16
18
20
22
24
Input
Power
(dBm)
Output Power (dBm)
Input Power versus Output Power
(Over Temperatureat 2441.5MHz)
VCC= 3.3V; PA_EN=1.6V
-40 C
25C
85C
10
15
20
25
30
35
02468
10
12
14
16
18
20
22
24
Gain (dB)
Output Power (dBm)
Gain versus Output Power
VCC=3.3V; PA_EN=1.6V
2400 MHz
2441.5 MHz
2483 MHz
0
5
10
15
20
25
30
35
40
45
50
02468
10
12
14
16
18
20
22
24
Gain (dB)
Output Power (dBm)
Gain versus Output Power
(Over Temperatureat 2441.5 MHz)
VCC=3.3V; PA_EN=1.6V
-40 C
25C
85C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
02468
10
12
14
16
18
20
22
24
Operating
Current
(mA)
Output Power (dBm)
OperatingCurrent vs Output Power
Vcc = 3.3V; PA_EN = 1.6V
2400MHz
2441.5 MHz
2483MHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
02468
10
12
14
16
18
20
22
24
Operating
Current
(mA)
Output Power (dBm)
OperatingCurrent versus Output Power
(Over Temperatureat 2441.5 MHz)
VCC=3.3V; PA_EN=1.6V
-40 C
25 C
85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com