Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6515 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6515
Description  3.3V, 2.4GHz FRONT-END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6515 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6515 Datasheet HTML 1Page - RF Micro Devices RF6515 Datasheet HTML 2Page - RF Micro Devices RF6515 Datasheet HTML 3Page - RF Micro Devices RF6515 Datasheet HTML 4Page - RF Micro Devices RF6515 Datasheet HTML 5Page - RF Micro Devices RF6515 Datasheet HTML 6Page - RF Micro Devices RF6515 Datasheet HTML 7Page - RF Micro Devices RF6515 Datasheet HTML 8Page - RF Micro Devices RF6515 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF6515
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Parameters, cont.
VSWR No damage
10:1
Gain settling time
1
2
uS
Current sourced through TXCT pin
18.0
mA
Voltage drop from TXCT pin to
TXP/TXN
0.1
V
Receive Parameters
Frequency
2400
2483
MHz
Noise Figure/Insertion Loss
1.7
2.3
dB
From antenna to RX pin (entire RX path). Over
frequency, VCC, and Temperature
Gain flatness
-0.5
0.5
dB
Input return loss
-13
-10
dB
Over frequency, VCC, and Temperature
Output return loss
-13
-10
dB
Over frequency, VCC, and Temperature
Amplitude imbalance
-1
1
dB
Phase imbalance
-15
15
deg
Current sourced through RXCT pin
1
mA
Voltage drop from RXCT pin to
RXP/RXN
0.1
V
Antenna Switch
RF-to-ANT Isolation
17
20
dB
Measured from Antenna to RX port while in
Transmit mode. Measured from Antenna to TX
port while in Receive mode.
PAEN = HIGH
1.6
1.8
2.0
V
TX mode.
PAEN = LOW
0.0
0.2
V
RX mode.
Switch Control Current. Logic HIGH
10
A
Switch Control Current. Logic LOW
0.1
A
T/R Switching Time
1
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com