Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6515 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6515
Description  3.3V, 2.4GHz FRONT-END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6515 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6515 Datasheet HTML 1Page - RF Micro Devices RF6515 Datasheet HTML 2Page - RF Micro Devices RF6515 Datasheet HTML 3Page - RF Micro Devices RF6515 Datasheet HTML 4Page - RF Micro Devices RF6515 Datasheet HTML 5Page - RF Micro Devices RF6515 Datasheet HTML 6Page - RF Micro Devices RF6515 Datasheet HTML 7Page - RF Micro Devices RF6515 Datasheet HTML 8Page - RF Micro Devices RF6515 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
TXP
TXN
RXBN
NC
ANT
GND
RXBP
VCC
RXCT
GND
ANT
16
17
19
20
2
1
4
7
8
9
10
12
13
15
18
5
6
11
3
14
RF6515
3.3V, 2.4GHz FRONT-END MODULE
The RF6515 integrates a complete solution in a single Front End Module (FEM) for-
WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates
the PA plus harmonic filter in the transmit path. It also provides balanced input and
output signals for both the TX and RX paths respectively.
The RF6515 FEM is ideal for ZigBee® systems operating with a minimum output
power of 22dBm and high efficiency requirements. On the receive path, the NF is
down to 1.5dB. This FEM meets or exceeds the system requirements for WiFi and
ZigBee® applications operating in the 2.4GHz to 2.5GHz band. The device is pro-
vided in 3.5mm x 3.5mm x 0.5mm, 20 pin QFN package.
Features
TX Output Power: 22dBm
RX NF: 1.5dB
Integrated RF Front End
Module with TX/RX balun, PA,
filter, and SP2T switch.
Dual Differential Transceiver
interface.
Applications
ZigBee® 802.15.4 Based
Systems for Remote
Monitoring and Control
Smart Meters for Energy
Management.
2.4GHz ISM Band
applications.
Portable battery powered
equipment.
RF6515SQ
Standard 25 piece bag
RF6515SR
Standard 100 piece reel
RF6515TR7
Standard 750 piece reel
RF6515TR13
Standard 2500 piece reel
RF6515PCK-410
Fully assembled evaluation board tuned for 2.4GHz to
2.5GHz and 5 piece loose samples
DS120904
Package Style: QFN, 20-Pin, 3.5mmx3.5mmx0.5mm


Similar Part No. - RF6515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
More results

Similar Description - RF6515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com