Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6515 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6515
Description  3.3V, 2.4GHz FRONT-END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6515 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6515 Datasheet HTML 1Page - RF Micro Devices RF6515 Datasheet HTML 2Page - RF Micro Devices RF6515 Datasheet HTML 3Page - RF Micro Devices RF6515 Datasheet HTML 4Page - RF Micro Devices RF6515 Datasheet HTML 5Page - RF Micro Devices RF6515 Datasheet HTML 6Page - RF Micro Devices RF6515 Datasheet HTML 7Page - RF Micro Devices RF6515 Datasheet HTML 8Page - RF Micro Devices RF6515 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF6515
DS120904
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
1000
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 2
Maximum Input Power to PA and
RX Ports (no damage)
+5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Specifications must be met across supply volt-
age, control voltage, and temperature ranges
unless otherwise noted. Typical conditions:
T=25°C, VCC=3.3V, PAEN=ON
Operating Frequency Range
2400
2500
MHz
Operating Voltage (VCC)
2.85
3.3
4.2
V
Leakage Current
10
40
uA
VCC=3.3V, RF=OFF, PAEN=0V
Transmit Parameters
Frequency
2400
2483
MHz
Input Return Loss
-13
-9
dB
Over frequency, VCC, and Temperature
Amplitude Imbalance
-1
1
dB
Phase Imbalance
-15
15
deg
Output Return Loss
-13
-9
Over frequency, VCC, and Temperature
Gain
26
28
dB
At rated power 22dBm
Gain Flatness
-1
+1
dB
Over frequency
Gain Variation
-1.5
+1.5
dB
Over temperature at 22dBm
Rated Output Power
22
dBm
VBAT=3.0V, Temp=25°C. Using 802.15.4
OQPSK modulation waveform
Output Power
20
dBm
All conditions
Supply current
200
mA
PO=22dBm 802.15.4 OQPSK. Over frequency,
VCC, and Temperature
Supply current
170
mA
PO=20dBm 802.15.4 OQPSK. Over frequency,
VCC, and Temperature
Thermal Resistance
53
°C/W
VCC = 3.6V, POUT = 22dBm, TREF = 85°C
2nd harmonic level
-47
-43
dBm/MHz
At nominal conditions
3rd harmonic level
-50
-43
dBm/MHz
At nominal conditions
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com