Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1832A Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVC1832A
Description  Multiple Frequency Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1832A Datasheet(HTML) 2 Page - RF Micro Devices

  RFVC1832A Datasheet HTML 1Page - RF Micro Devices RFVC1832A Datasheet HTML 2Page - RF Micro Devices RFVC1832A Datasheet HTML 3Page - RF Micro Devices RFVC1832A Datasheet HTML 4Page - RF Micro Devices RFVC1832A Datasheet HTML 5Page - RF Micro Devices RFVC1832A Datasheet HTML 6Page - RF Micro Devices RFVC1832A Datasheet HTML 7Page - RF Micro Devices RFVC1832A Datasheet HTML 8Page - RF Micro Devices RFVC1832A Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFVC1832A
DS120518
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VCC_OSC, VCC_DIG
+5.5
V
VTUNE
0 to +15
V
Junction Temperature (TJ)135
°C
Continuous PDISS (TA = 85°C)
(derate 37mW/°C above TA = 85°C)
1.65
W
Junction to Case,
Thermal Resistance (Rθ(j-a) )
30
°C/W
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
ESD Sensitivity (HBM)
Class 1A
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Specifications
V
CC =5V, TA =+25 °C
Operating Frequency
Fo
7.80
8.90
GHz
Fo/2
3.90
4.40
GHz
Fo/4
1.95
2.20
GHz
Output Power
Fo
9
dBm
Fo/2
5
dBm
Fo/4
-2
dBm
SSB Phase Noise
10kHz offset at RFOUT
-90
dBc/Hz
VTUNE=5V
100kHz offset at RFOUT
-115
dBc/Hz
VTUNE=5V
Tune Voltage
1.5
14.5
V
Supply Voltage (Oscillator and
Divider)
5V
Supply Current
VCC_OSC
180
mA
VCC_DIG
60
mA
Tune Port Leakage Current
10
A
Output Return Loss
6
dB
Harmonics/Sub-harmonics
Measured with RF probes at package, not at
SMA connections on EVB
1/2
45
dBc
3/2
45
dBc
2nd
15
dBc
3rd
25
dBc
Pulling (into a 2.0:1 VSWR)
5
MHz pp
Pushing
21
MHz/V
Frequency Drift Rate
0.8
MHz/°C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com