Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1832A Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1832A
Description  Multiple Frequency Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1832A Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1832A Datasheet HTML 1Page - RF Micro Devices RFVC1832A Datasheet HTML 2Page - RF Micro Devices RFVC1832A Datasheet HTML 3Page - RF Micro Devices RFVC1832A Datasheet HTML 4Page - RF Micro Devices RFVC1832A Datasheet HTML 5Page - RF Micro Devices RFVC1832A Datasheet HTML 6Page - RF Micro Devices RFVC1832A Datasheet HTML 7Page - RF Micro Devices RFVC1832A Datasheet HTML 8Page - RF Micro Devices RFVC1832A Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFVC1832A
7.8GHz TO 8.9GHz MMIC VCO WITH
Fo/2 AND Fo/4 OUTPUTS
RFMD's RFVC1832A is a 5V InGaP MMIC VCO with an integrated frequency divider
providing additional Fo/2 and Fo/4 outputs. With an Fo frequency range of 7.8GHz
to 8.9GHz its monolithic structure provides excellent temperature, shock, and vibra-
tion performance. Output power (Fo) is +9dBm and is flat across the tuning voltage
range of 1.5V to 14.5V. Phase noise is typically -115dBc/Hz at 100kHz offset. The
device operates from a low supply current of 240mA which can be further reduced
to 180mA by disabling the divider functions if not required. The RFVC1832A is
available in a low cost 5mmx5mm surface mount plastic overmolded QFN outline.
Features
Multiple Frequency Outputs
Fo: 7.80GHz to 8.90GHz
Fo/2: 3.90GHz to 4.40GHz
Fo/4: 1.95GHz to 2.20GHz
No External Resonator
Required
Integrated Frequency Divider
Phase Noise: -115dBc/Hz at
100kHz Offset
Flat Output Power Over
Frequency Tuning Range 1.5V
to 14.5V
Fo: 9dBm
Fo/2: 5dBm
Fo/4: -2dBm
Low Power Consumption
5V/240mA (Divider On)
5V/180mA (Divider Off)
32-Lead 5mmx5mm Plastic
Overmolded QFN
Applications
Point-to-Point Radio
Point-to-Multipoint Radio
Satellite Communications
Test Equipment
Military
Aerospace
DS120518
Package: Plastic QFN, 32pin, 5mmx5mmx0.85mm
RFVC1832A
7.8GHz to
8.9GHz MMIC
VCO WITH
RFVC1832AS2
Sample bag with 2 pieces
RFVC1832ASB
Sample bag with 5 pieces
RFVC1832ASQ
Bag with 25 pieces
RFVC1832ASR
Bag with 100 pieces
RFVC1832ATR7
7” Reel with 750 pieces
RFVC1832APCBA-410 Evaluation Board


Similar Part No. - RFVC1832A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1832 RFMD-RFVC1832 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1832B RFMD-RFVC1832B Datasheet
648Kb / 10P
Multiple Frequency Outputs
More results

Similar Description - RFVC1832A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1831 RFMD-RFVC1831 Datasheet
964Kb / 10P
Multiple Frequency Outputs
RFVC1833B RFMD-RFVC1833B Datasheet
1,019Kb / 10P
Multiple Frequency Outputs
RFVC1835 RFMD-RFVC1835 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1836 RFMD-RFVC1836 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
Multiple Frequency Outputs
RFVC1838A RFMD-RFVC1838A Datasheet
633Kb / 10P
Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1839A RFMD-RFVC1839A Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1840 RFMD-RFVC1840 Datasheet
601Kb / 10P
Multiple Frequency Outputs
RFVC1842 RFMD-RFVC1842 Datasheet
602Kb / 10P
Multiple Frequency Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com