Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1832A Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFVC1832A
Description  Multiple Frequency Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1832A Datasheet(HTML) 9 Page - RF Micro Devices

  RFVC1832A Datasheet HTML 1Page - RF Micro Devices RFVC1832A Datasheet HTML 2Page - RF Micro Devices RFVC1832A Datasheet HTML 3Page - RF Micro Devices RFVC1832A Datasheet HTML 4Page - RF Micro Devices RFVC1832A Datasheet HTML 5Page - RF Micro Devices RFVC1832A Datasheet HTML 6Page - RF Micro Devices RFVC1832A Datasheet HTML 7Page - RF Micro Devices RFVC1832A Datasheet HTML 8Page - RF Micro Devices RFVC1832A Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RFVC1832A
DS120518
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
List of Materials for Evaluation Board
Item
Description
U1
RFVC1832A VCO
C3, C5, C7, C8
1000 pF Capacitor, 0402 Package
C2, C4, C6
4.7µF Tantalum Capacitor
C1
68µF Tantalum Capacitor
R1
0Ω Resistor, 0603 Package
P1, P2
4-PIN DC connector
J1, J2, J3, J4
PCB mount SMA connector
PCB
VC183x410(D)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com